Electronic Components Datasheet Search
  English  ▼

X  

TPS2236DAPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2236DAPR
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2236DAPR Datasheet HTML 8Page - Texas Instruments TPS2236DAPR Datasheet HTML 9Page - Texas Instruments TPS2236DAPR Datasheet HTML 10Page - Texas Instruments TPS2236DAPR Datasheet HTML 11Page - Texas Instruments TPS2236DAPR Datasheet HTML 12Page - Texas Instruments TPS2236DAPR Datasheet HTML 13Page - Texas Instruments TPS2236DAPR Datasheet HTML 14Page - Texas Instruments TPS2236DAPR Datasheet HTML 15Page - Texas Instruments TPS2236DAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
POWER STATES
DISCHARGE FETs
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
If AUXIN is not present, then all input-to-output power switches are kept off (OFF mode).
If AUXIN is present and SHDN is asserted (logic low), then all input-to-output power switches are kept off and the
output discharge FETs are turned on (Shutdown mode). If SHDN is asserted and then de-asserted, the state on
the outputs is restored to the state prior to SHDN assertion.
If 3.3VIN, AUXIN and 1.5VIN are present at the input of the power switch and no card is inserted, then all
input-to-output power switches are kept off and the output discharge FETs are turned on (No Card mode).
If 3.3VIN, AUXIN and 1.5VIN are present at the input of the power switch prior to a card being inserted, then all
input-to-output power switches are turned on once a card-present signal (CPUSB and/or CPPE) is detected
(Card Inserted mode).
If a card is present and all output voltages are being applied, then the STBY is asserted (logic low); the AUXOUT
voltage is provided to the card, and the 3.3VOUT and 1.5VOUT switches are turned off (Standby mode).
If a card is present and all output voltages are being applied, then the 1.5VIN, or 3.3VIN is removed from the
input of the power switch; the AUXOUT voltage is provided to the card and the 3.3VOUT and 1.5VOUT switches
are turned off (Standby mode).
If prior to the insertion of a card, the AUXIN is available at the input of the power switch and 3.3VIN and/or
1.5VIN are not, or if STBY is asserted (logic low), then no power is made available to the card (OFF mode). If
1.5VIN and 3.3VIN are made available at the input of the power switch after the card is inserted and STBY is not
asserted, all the output voltages are made available to the card (Card Inserted mode).
The discharge FETs on the outputs are activated whenever the device detects that a card is not present (No
Card mode). Activation occurs after the input-to-output power switches are turned off (break before make). The
discharge FETs de-activate if either of the card-present lines go active low, unless the SHDN pin is asserted.
The discharge FETs are also activated whenever the SHDN input is asserted and stay asserted until SHDN is
de-asserted.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com