Electronic Components Datasheet Search
  English  ▼

X  

TPS2236DAPR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2236DAPR
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2236DAPR Datasheet HTML 12Page - Texas Instruments TPS2236DAPR Datasheet HTML 13Page - Texas Instruments TPS2236DAPR Datasheet HTML 14Page - Texas Instruments TPS2236DAPR Datasheet HTML 15Page - Texas Instruments TPS2236DAPR Datasheet HTML 16Page - Texas Instruments TPS2236DAPR Datasheet HTML 17Page - Texas Instruments TPS2236DAPR Datasheet HTML 18Page - Texas Instruments TPS2236DAPR Datasheet HTML 19Page - Texas Instruments TPS2236DAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
VO(3.3VOUT)
VO(1.5VOUT)
VI(1.5VIN)
t − Time − 500 ms/div
VO(AUXVOUT)
RL(3.3VOUT) = 3.6 W
RL(1.5VOUT) = 2.7 W
RL(AUXOUT) = 12 W
CL(3.3V/1.5V/AUXOUT) = 68 mF
2 V/div
2 V/div
2 V/div
2 V/div
VO(OC)
2 V/div
IO(3.3VOUT)
0.5 A/div
t − Time − 5 ms/div
0
20
40
60
80
100
120
140
160
180
−40
−20
0
20
40
60
80
100
120
3.3V_AUX
1.5VIN
3.3VIN
TJ − Junction Temperature − 5C
0
50
100
150
200
250
−40
−20
0
20
40
60
80
100
120
AUXIN + CPxx + SHDN+ RCLKEN
AUXIN + CPxx
AUXIN
TJ − Junction Temperature − 5C
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
OC RESPONSE WHEN POWERED INTO A SHORT
OUTPUT VOLTAGE WHEN 1.5VIN IS REMOVED
(3.3VOUT)
vs
vs
TIME
TIME
Figure 8.
Figure 9.
SUPPLY CURRENT OF AUXIN
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 10.
Figure 11.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com