Electronic Components Datasheet Search
  English  ▼

X  

ICPL2533 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICPL2533
Description  HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICPL2533 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICPL2533 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICPL2533 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICPL2533 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICPL2533 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB91038-AAS/A3
ICPL2533
HIGH SPEED DUAL CHANNEL
OPTICALLY COUPLED ISOLATOR
PHOTOTRANSISTOR OUTPUT
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Average Forward Current
25mA ( 1 )
Peak Forward Current
50mA ( 2 )
( 50% duty cycle, 1ms pulse width )
Peak Transient Current
1.0A
(equal to or less than 1
µs P.W., 300 pps)
Reverse Voltage
5V
Power Dissipation
45mW( 3 )
DETECTOR
Average Output Current
8mA
Peak Output Current
16mA
Supply Voltage
-0.5 to +30V
Output Voltage
-0.5 to +20V
Power Dissipation
35mW( 4 )
APPROVALS
l
UL recognised, File No. E91231
DESCRIPTION
These dual channel diode-transistor optocouplers
use a light emitting diode and an integrated photon
detector to provide 2500Volts
RMS electrical isolation
between input and output. Seperate connection for
the photodiode bias and output transistor collector
improve the speed up to a hundred times that of a
conventional photo-transistor coupler by reducing
the base-collector capacitance.
FEATURES
l
High speed - 250k b/s NRZ
l
High Common Mode Transient
Immunity 1000V/
µs
l
TTL Compatible
l
Open Collector Outputs
l
2500V
RMS Withstand Test Voltage,1 Min
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Line receivers
l
Pulse transformer replacement
l
Wide bandwidth analog coupling
l
Output interface to CMOS-LSTTL-TTL
0.3
0.5
Dimensions in mm
6.9
6.3
1.3
15°
Max
3.3
4.0
3.6
2.54
9.7
9.1
0.5
1.3
* ICPL2531 NOISE SHIELD
4
3
2
1
8
7
6
5
7.62
*
OPTION G
OPTION SM
10.16
10.2
9.5
0.3
1.2
0.6
1.4
0.9
7.62
SURFACE MOUNT
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com


Similar Part No. - ICPL2533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2531 ETC-ICPL2531 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - ICPL2533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
6N135 ETC-6N135 Datasheet
62Kb / 4P
HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N35X ETC1-4N35X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N25X ISOCOM-4N25X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com