Electronic Components Datasheet Search
  English  ▼

X  

IRFZ46NSTRL Datasheet(PDF) 5 Page - International Rectifier

Part # IRFZ46NSTRL
Description  HEXFET POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ46NSTRL Datasheet(HTML) 5 Page - International Rectifier

  IRFZ46NSTRL Datasheet HTML 1Page - International Rectifier IRFZ46NSTRL Datasheet HTML 2Page - International Rectifier IRFZ46NSTRL Datasheet HTML 3Page - International Rectifier IRFZ46NSTRL Datasheet HTML 4Page - International Rectifier IRFZ46NSTRL Datasheet HTML 5Page - International Rectifier IRFZ46NSTRL Datasheet HTML 6Page - International Rectifier IRFZ46NSTRL Datasheet HTML 7Page - International Rectifier IRFZ46NSTRL Datasheet HTML 8Page - International Rectifier IRFZ46NSTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFZ46NS/IRFZ46NL
www.irf.com
5
Fig 9. Maximum Drain Current Vs.
CaseTemperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-
VDD
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
Limited By Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com