Electronic Components Datasheet Search
  English  ▼

X  

FDMD8630 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMD8630
Description  Dual N-Channel PowerTrench0 MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMD8630 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMD8630 Datasheet HTML 1Page - ON Semiconductor FDMD8630 Datasheet HTML 2Page - ON Semiconductor FDMD8630 Datasheet HTML 3Page - ON Semiconductor FDMD8630 Datasheet HTML 4Page - ON Semiconductor FDMD8630 Datasheet HTML 5Page - ON Semiconductor FDMD8630 Datasheet HTML 6Page - ON Semiconductor FDMD8630 Datasheet HTML 7Page - ON Semiconductor FDMD8630 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2017
Publication Order Number:
Apr, 2017, Rev. 1.0
FDMD8630
1
Power 5 x 6
G1
D1
D1
D1
S1,S2 to backside
D2
D2
D2
G2
1
2
3
4
8
7
6
5
Top
Bottom
Pin 1
G1
D1
D1
D1
D2
D2
D2
G2
S1 / S2
Pin 1
FDMD8630
Dual N-Channel PowerTrench® MOSFET
30 V, 167 A, 1.0 m
Ω
Features
Common Source Configuration to Eliminate PCB Routing
Large Source Pad on Bottom of Package for Enhanced
Thermals
Max rDS(on) = 1.0 mΩ at VGS = 10 V, ID = 38 A
Max rDS(on) = 1.3 mΩ at VGS = 4.5 V, ID = 33 A
Ideal for Flexible Layout in Secondary Side Synchronous
Rectification
100% UIL Tested
Termination is Lead-free and RoHS Compliant
General Description
This package integrates two N-Channel devices connected
internally in common-source configuration. This enables very
low package parasitics and optimized thermal path to the
common source pad on the bottom. Provides a very small
footprint (5 x 6 mm) for higher power density.
Applications
Isolated DC-DC Synchronous Rectifiers
Common Ground Load Switches
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted.
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
-Continuous
TC = 25 °C
(Note 5)
167
A
-Continuous
TC = 100 °C
(Note 5)
106
Drain Current
-Continuous
TA = 25 °C
(Note 1a)
38
-Pulsed
(Note 4)
1178
EAS
Single Pulse Avalanche Energy
(Note 3)
726
mJ
PD
Power Dissipation
TC = 25 °C
43
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.3
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
2.9
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
55
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMD8630
FDMD8630
Power 5 x 6
13 ’’
12 mm
3000 units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com