Electronic Components Datasheet Search
  English  ▼

X  

FDMD8630 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMD8630
Description  Dual N-Channel PowerTrench0 MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMD8630 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMD8630 Datasheet HTML 1Page - ON Semiconductor FDMD8630 Datasheet HTML 2Page - ON Semiconductor FDMD8630 Datasheet HTML 3Page - ON Semiconductor FDMD8630 Datasheet HTML 4Page - ON Semiconductor FDMD8630 Datasheet HTML 5Page - ON Semiconductor FDMD8630 Datasheet HTML 6Page - ON Semiconductor FDMD8630 Datasheet HTML 7Page - ON Semiconductor FDMD8630 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.onsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
30
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
15
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
1.0
1.6
3.0
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 38 A
0.6
1.0
m
Ω
VGS = 4.5 V, ID = 33 A
0.8
1.3
VGS = 10 V, ID = 38 A, TJ = 125 °C
0.9
1.5
gFS
Forward Transconductance
VDD = 5 V, ID = 38 A
281
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V
f = 1 MHz
7090
9930
pF
Coss
Output Capacitance
2025
2835
pF
Crss
Reverse Transfer Capacitance
212
300
pF
Rg
Gate Resistance
0.1
1.9
3.8
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 38 A
VGS = 10 V, RGEN = 6 Ω
14
26
ns
tr
Rise Time
15
27
ns
td(off)
Turn-Off Delay Time
66
105
ns
tf
Fall Time
24
39
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V
ID = 38 A
97
142
nC
Qg(TOT)
Total Gate Charge
VGS = 0 V to 4.5 V
46
74
nC
Qgs
Gate to Source Charge
17
nC
Qgd
Gate to Drain “Miller” Charge
12
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 38 A
(Note 2)
0.8
1.3
V
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2 A
(Note 2)
0.7
1.2
V
trr
Reverse Recovery Time
IF = 38 A, di/dt = 100 A/μs
64
103
ns
Qrr
Reverse Recovery Charge
56
90
nC
a. 55 °C/W when mounted on
a 1 in2pad of 2 oz copper
b.125 °C/W when mounted on
a minimum pad of 2 oz copper
NOTES:
1. RθJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0 %.
3. EAS of 726 mJ is based on starting TJ = 25 oC, L = 3 mH, IAS = 22 A, VDD = 30 V, VGS = 10 V. 100% tested at L = 0.1 mH, IAS = 70 A
4. Pulsed Id please refer to Fig 11 SOA graph for more details.
5. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal & electro-mechanical application board design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com