Electronic Components Datasheet Search
  English  ▼

X  

LBR-123 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LBR-123
Description  Reflective Object Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LBR-123 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LBR-123 Datasheet HTML 1Page - List of Unclassifed Manufacturers LBR-123 Datasheet HTML 2Page - List of Unclassifed Manufacturers LBR-123 Datasheet HTML 3Page - List of Unclassifed Manufacturers LBR-123 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Letex Technology Corp.
3
Reflective Object Sensor
Reference Data
Relative collector current Vs.
Card moving distance(2)
Relative collector current Vs.
Card moving distance(1)
0
Card moving distance (mm)
-4
-5
0
-2
-3
-1
4
2
1
3
5
60
20
40
80
100
d=1mm
IF = 4mA
Vce = 2V
Ta=25°
0
Card moving distance (mm)
-5
-4
-3
-2
-1
0
1
2
3
4
5
60
40
20
100
80
d=1mm
IF = 4mA
Vce = 2V
Ta=25°
50
Ambient temperature (℃)
-25
0
10
0
25
100
75
Collector current Vs.
Ambient temperature
20
30
40
50
IF = 4mA
Vce = 2V
2
Load resistance (kΩ )
1
0.5
0.2
0.1
0.1 0.2
ts
5
0.5 1
2
10
Response time Vs.
Load resistance
Vce = 2V
Ic = 100uA
Ta = 25℃
200
100
50
20
10
5
td
tr
tf
500
RD
Input
Output
RL
Vcc
Input
Output
90%
10%
100
Collector dark current Vs.
Ambient temperature
Test circuit for resopnse time
10
-9
0
Ambient temperature (℃)
-25
-11
10
-10
10
50
25
75
10
10
-8
-7
10
-6
10
-5
Vce = 20V
Ambient temperature (℃)
Ambient temperature (℃)
25℃
1.5
Forward voltage (V)
2
0
1
0.5
1.0
5
10
20
50
2.5
2.0
3.0
Ta = 75℃
50℃
Forward current Vs.
Forward voltage
500
200
100
25℃
0℃
10
Forward current (mA)
0
5
0
400
300
200
100
15
20
25
30
Collector current Vs.
Forward current
700
600
500
Vce = 2V
Ta = 25℃
60
50
0
-30
10
20
0
25
30
40
50
100
75
125
Forward current Vs.
Ambient temperature
25
40
20
0
0
-25
100
80
60
50
75
100
125
Power dissipation Vs.
Ambient temperature
Duty ratio
4
Collector-Emitter voltage (V)
0
0
2
50
100
150
200
IF=2mA
6
10
8
12
7mA
4mA
10mA
Ta = 25℃
Collector current Vs.
Collector-Emitter voltage
350
300
250
15mA
10
Peak forward current Vs.
Duty ratio
10
20
-3
5
10
50
100
1000
200
500
2000
2
5
-2
10
2
2
-1
10
5
5
Pulse width 100us
Ta = 25℃
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com