Electronic Components Datasheet Search
  English  ▼

X  

LBR-123 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LBR-123
Description  Reflective Object Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LBR-123 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LBR-123 Datasheet HTML 1Page - List of Unclassifed Manufacturers LBR-123 Datasheet HTML 2Page - List of Unclassifed Manufacturers LBR-123 Datasheet HTML 3Page - List of Unclassifed Manufacturers LBR-123 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Letex Technology Corp.
1
Reflective Object Sensor
Model No: LBR-123S
Description
The LBR-123S is a light reflection switch that includes a GaAs IRLED transmitter and a NPN
photo-transistor with a high photosensitive receiver for short distance, operating in the infrared range.
Both components are mounted side-by-side in a plastic package.
Features
˙Fast response time
˙High sensitivity
˙Cutting wavelength λ=840nm
˙Thin
˙Compact
Applications
˙Camera
˙VCR
˙Floppy disk driver
˙Cassette type recorder
˙Various microcomputer control equipment
Outline dimensions
2
3
4
1
4
3
2
1
1
2
3
4


Similar Part No. - LBR-123

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
logo
LETEX TECHNOLOGY CORP.
LBR-123 LETEX-LBR-123 Datasheet
359Kb / 3P
Reflective Object Sensor
LBR-123F LETEX-LBR-123F Datasheet
223Kb / 2P
Reflective Object Sensor
LBR-123S LETEX-LBR-123S Datasheet
136Kb / 2P
Reflective Object Sensor
More results

Similar Description - LBR-123

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com