Electronic Components Datasheet Search
  English  ▼

X  

LH0041 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0041
Description  1.0 Amp Power Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0041 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LH0041 Datasheet HTML 1Page - National Semiconductor (TI) LH0041 Datasheet HTML 2Page - National Semiconductor (TI) LH0041 Datasheet HTML 3Page - National Semiconductor (TI) LH0041 Datasheet HTML 4Page - National Semiconductor (TI) LH0041 Datasheet HTML 5Page - National Semiconductor (TI) LH0041 Datasheet HTML 6Page - National Semiconductor (TI) LH0041 Datasheet HTML 7Page - National Semiconductor (TI) LH0041 Datasheet HTML 8Page - National Semiconductor (TI) LH0041 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH9298
August 1989
LH0021LH0021C 10 Amp Power Operational Amplifier
LH0041LH0041C 02 Amp Power Operational Amplifier
General Description
The LH0021LH0021C and LH0041LH0041C are general
purpose operational amplifiers capable of delivering large
output currents not usually associated with conventional IC
Op Amps The LH0021 will provide output currents in ex-
cess of one ampere at voltage levels of g12V the LH0041
delivers currents of 200 mA at voltage levels closely ap-
proaching the available power supplies In addition both the
inputs and outputs are protected against overload the de-
vices are compensated with a single external capacitor and
are free of any unusual oscillation or latch-up problems
The excellent input characteristics and high output capabili-
ty of the LH0021 make it an ideal choice for power applica-
tions such as DC servos capstan drivers deflection yoke
drivers and programmable power supplies
The LH0041 is particularly suited for applications such as
torque driver for inertial guidance systems diddle yoke driv-
er for alpha-numeric CRT displays cable drivers and pro-
grammable power supplies for automatic test equipment
The LH0021 is supplied in a 8 pin TO-3 package rated at 20
watts with suitable heatsink The LH0041 is supplied in both
12 pin TO-8 (25 watts with clip on heatsink) and a power 8
pin ceramic DIP (2 watts with suitable heatsink)
The
LH0021 and LH0041 are guaranteed over the temperature
range of b55 Cto a125 C while the LH0021C and
LH0041C are guaranteed from b25 Cto a85 C
Features
Y
Output current
LH0021
10 Amp
LH0041
02 Amp
Y
Output voltage swing
LH0021
g
12V into 10X
LH0041
g
14V into 100X
Y
Wide full power bandwidth
15 kHz
Y
Low standby power
100 mW at g15V
Y
Low input offset
voltage and current
1 mV and 20 nA
Y
High slew rate
30V ms
Y
High open loop gain
100 dB
Schematic Diagram
TLH9298 – 1
RSC external on ‘‘G’’ and ‘‘K’’ packages RSC
internal on ‘‘J’’ package Offset Null connec-
tions available only on ‘‘G’’ package
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LH0041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0042 NSC-LH0042 Datasheet
204Kb / 12P
Low Cost FET Op Amp
logo
Intersil Corporation
LH0042 INTERSIL-LH0042 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
National Semiconductor ...
LH0042C NSC-LH0042C Datasheet
204Kb / 12P
Low Cost FET Op Amp
LH0043 NSC-LH0043 Datasheet
286Kb / 9P
SAMPLE AND HOLD CIRCUITS
LH0043C NSC-LH0043C Datasheet
286Kb / 9P
SAMPLE AND HOLD CIRCUITS
More results

Similar Description - LH0041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
1 Amp Power Operational Amplifier
ELH0041G ELANTEC-ELH0041G Datasheet
240Kb / 8P
0.1 Amp Power Operational Amplifier
logo
National Semiconductor ...
LH0061 NSC-LH0061 Datasheet
60Kb / 2P
0.5 AMP WIDE BAND OPERATIONAL AMPLIFIER
LH4141C NSC-LH4141C Datasheet
175Kb / 7P
0.2 AMP POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
logo
Texas Instruments
LMH6733 TI1-LMH6733 Datasheet
997Kb / 25P
Single Supply, 1.0 GHz, Triple Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com