Electronic Components Datasheet Search
  English  ▼

X  

LH0041 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0041
Description  1.0 Amp Power Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0041 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH0041 Datasheet HTML 1Page - National Semiconductor (TI) LH0041 Datasheet HTML 2Page - National Semiconductor (TI) LH0041 Datasheet HTML 3Page - National Semiconductor (TI) LH0041 Datasheet HTML 4Page - National Semiconductor (TI) LH0041 Datasheet HTML 5Page - National Semiconductor (TI) LH0041 Datasheet HTML 6Page - National Semiconductor (TI) LH0041 Datasheet HTML 7Page - National Semiconductor (TI) LH0041 Datasheet HTML 8Page - National Semiconductor (TI) LH0041 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
18V
Power Dissipation
See Curves
Differential Input Voltage
g
30V
Input Voltage (Note 1)
g
15V
Peak Output Current (Note 2)
LH0021LH0021C
20 Amps
LH0041LH0041C
05 Amps
Output Short Circuit Duration (Note 3)
Continuous
Operating Temperature Range
LH0021LH0041
b
55 Cto a125 C
LH0021CLH0041C
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
ESD rating to be determined
DC Electrical Characteristics for LH0021LH0021C (Note 4)
Limits
Parameter
Conditions
LH0021
LH0021C
Units
Min
Typ Max
Min
Typ Max
Input Offset Voltage
RS k 100X TC e 25 C
10
30
30
60
mV
RS k 100X
50
75
mV
Voltage Drift with Temperature
RS k 100X
325
5
30
m
V C
Offset Voltage Drift with Time
5
5
m
Vweek
Offset Voltage Change with Output Power
5
15
5
20
m
VW
Input Offset Current
TC e 25 C
30
100
50
200
nA
300
500
nA
Offset Current Drift with Temperature
01
10
02
10
nA C
Offset Current Drift with Time
2
2
nAweek
Input Bias Current
TC e 25 C
100
300
200
500
nA
10
10
m
A
Input Resistance
TC e 25 C
03
10
03
10
MX
Input Capacitance
33
pF
Common Mode Rejection Ratio
RS 100X DVCM e g10V
70
90
70
90
dB
Input Voltage Range
VS e g15V
g
12
g
12
V
Power Supply Rejection Ratio
RS s 100X DVS e g10V
80
96
70
90
dB
Voltage Gain
VS e g15V VO e g10V
RL e 1kX TC e 25 C
100
200
100
200
VmV
VS e g15V VO e g10V
RL e 100X
25
20
VmV
Output Voltage Swing
VS e g15V RL e 100X
g
135
14
g
13 g14
V
VS e g15V RL e 10X TC e 25 C
g
110 g12
g
10 g12
V
Output Short Circuit Current
VS e g15V TC e 25 C RSC e 05X
08
12
16
08
12
16
Amps
Power Supply Current
VS e g15V VOUT e 0
25
35
30
40
mA
Power Consumption
VS e g15V VOUT e 0
75
105
90
120
mW
AC Electrical Characteristics for LH0021LH0021C (TA e 25 C VS e g15V CC e 3000 pF)
Limits
Parameter
Conditions
LH0021
LH0021C
Units
Min
Typ
Max
Min
Typ
Max
Slew Rate
AV ea1 RL e 100X
08
30
10
30
V ms
Power Bandwidth
RL e 100X
20
20
kHz
Small Signal Transient Response
03
10
03
15
m
s
Small Signal Overshoot
5
20
10
30
%
Settling Time (01%)
D
VIN e 10V AV ea14
4
m
s
Overload Recovery Time
3
3
m
s
Harmonic Distortion
f e 1 kHz PO e 05W
02
02
%
Input Noise Voltage
Rs e 50X BW e 10 Hz to 10 kHz
5
5
m
Vrms
Input Noise Current
BW e 10 Hz to 10 kHz
005
005
nArms
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com