Electronic Components Datasheet Search
  English  ▼

X  

AD6677 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6677 Datasheet HTML 6Page - Analog Devices AD6677 Datasheet HTML 7Page - Analog Devices AD6677 Datasheet HTML 8Page - Analog Devices AD6677 Datasheet HTML 9Page - Analog Devices AD6677 Datasheet HTML 10Page - Analog Devices AD6677 Datasheet HTML 11Page - Analog Devices AD6677 Datasheet HTML 12Page - Analog Devices AD6677 Datasheet HTML 13Page - Analog Devices AD6677 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 10 of 48
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +2.0 V
DVDD to DGND
−0.3 V to +2.0 V
VIN+, VIN− to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
RFCLK to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
CS, PDWN to DGND
−0.3 V to DVDD + 0.3 V
SCLK to DGND
−0.3 V to DVDD + 0.3 V
SDIO to DGND
−0.3 V to DVDD + 0.3 V
RST to DGND
−0.3 V to DVDD + 0.3 V
FD to DGND
−0.3 V to DVDD + 0.3 V
SERDOUT0+, SERDOUT0− to AGND
−0.3 V to DRVDD + 0.3 V
SYNCINB+, SYNCINB− to DGND
−0.3 V to DVDD + 0.3 V
SYSREF+, SYSREF− to AGND
−0.3 V to AVDD + 0.3 V
Environmental
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range
(Ambient)
−65°C to +125°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
The exposed pad must be soldered to the ground plane of the
LFCSP package. This increases the reliability of the solder
joints, maximizing the thermal capability of the package.
Table 7. Thermal Resistance
PackageType
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3,4
θJB1,4,5
Unit
32-Lead LFCSP
5 mm × 5 mm
(CP-32-12)
0
37.1
3.1
20.7
°C/W
1.0
32.4
N/A
N/A
°C/W
2.5
29.1
N/A
N/A
°C/W
1
Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-STD-883, Method 1012.1.
4
N/A means not applicable.
5
Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer printed circuit board (PCB)
with a solid ground plane. As shown in Table 7, airflow increases
heat dissipation, which reduces θJA. In addition, metal in direct
contact with the package leads from metal traces, through holes,
ground, and power planes reduces the θJA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com