Electronic Components Datasheet Search
  English  ▼

X  

AD6677 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6677 Datasheet HTML 23Page - Analog Devices AD6677 Datasheet HTML 24Page - Analog Devices AD6677 Datasheet HTML 25Page - Analog Devices AD6677 Datasheet HTML 26Page - Analog Devices AD6677 Datasheet HTML 27Page - Analog Devices AD6677 Datasheet HTML 28Page - Analog Devices AD6677 Datasheet HTML 29Page - Analog Devices AD6677 Datasheet HTML 30Page - Analog Devices AD6677 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 27 of 48
Configure Detailed Options
Configure the tail bits and control bits as follows.
•
With N’ = 16 and N = 11, there are two bits available per
sample for transmitting additional information over the
JESD204B link. The options are tail bits or control bits. By
default, tail bits of 0b00 value are used.
•
Tail bits are dummy bits sent over the link to complete the
two octets and do not convey any information about the input
signal. Tail bits can be fixed zeros (default) or pseudo-random
numbers (Address 0x5F, Bit 6).
•
One or two control bits can be used instead of the tail bits
using Address 0x72, Bits[7:6]. The tail bits can be set using
Address 0x14, Bits[7:5], and the tail bits are enabed using
Address 0x5F, Bit 6.
Set the lane identification values.
•
JESD204B allows parameters to identify the device and lane.
These parameters are transmitted during the ILAS phase, and
they are accessible in the internal registers.
•
There are three identification values: device identification
(DID), bank identification (BID), and lane identification
(LID). DID and BID are device specific; therefore, they can
be used for link identification.
Set the number of frames per multiframe, K.
•
Per the JESD204B specification, a multiframe is defined as a
group of K successive frames, where K is between 1 and 32,
and it requires that the number of octets be between 17 and
1024. The K value is set to 32 by default in Address 0x70,
Bits[7:0]. Note that the K value is the register value plus 1.
•
The K value can be changed; however, it must comply with
a few conditions. The AD6677 uses a fixed value for octets
per frame (F) based on the JESD204B quick configuration
setting. K must also be a multiple of 4 and conform to the
following equation:
32 ≥ K ≥ Ceil (17/F)
•
The JESD204B specification also requires the number of
octets per multiframe (K × F) to be between 17 and 1024.
The F value is fixed through the quick configuration
setting to ensure that this relationship is true.
Table 11. JESD204B Configurable Identification Values
ID Value
Register, Bits
Value Range
LID
0x67, [4:0]
0 to 31
DID
0x64, [7:0]
0 to 255
BID
0x65, [3:0]
0 to 15
Scramble, SCR.
•
Scrambling can be enabled or disabled by setting Address 0x6E,
Bit 7. By default, scrambling is enabled. Per the JESD204B
protocol, scrambling is functional only after the lane
synchronization has completed.
Select lane synchronization options.
Most of the synchronization features of the JESD204B interface
are enabled by default for typical applications. In some cases,
these features can be disabled or modified as follows:
•
ILAS enabling is controlled in Address 0x5F, Bits[3:2] and,
by default, is enabled. Optionally, to support some unique
instances of the interfaces (such as NMCDA-SL), the
JESD204B interface can be programmed to either disable the
ILAS sequence or continually repeat the ILAS sequence.
The AD6677 has fixed values of some of the JESD204B interface
parameters, and they are as follows:
•
N = 11, number of bits per converter is 11 in Address 0x72,
Bits[3:0]
•
N’ = 16, number of bits per sample is 16 in Address 0x73,
Bits[3:0]
•
CF = 0, number of control words per frame clock cycle per
converter is 0 in Address 0x75, Bits[4:0]
Verify read only values: lanes per link (L), octets per frame (F),
number of converters (M), and samples per converter per frame
(S). The AD6677 calculates values for some JESD204B parameters
based on other settings, particularly the quick configuration
register selection. The read only values here are available in the
register map for verification.
•
L = lanes per link is 1; read the values from Address 0x6E,
Bits[4:0]
•
F = octets per frame can be 1, 2, or 4; read the value from
Address 0x6F, Bits[7:0]
•
HD = high density mode can be 0 or 1; read the value from
Address 0x75, Bit 7
•
M = number of converters per link can be 1 or 2; read the
value from Address 0x71, Bits[7:0]
•
S = samples per converter per frame can be 1 or 2; read the
value from Address 0x74, Bits[4:0]
Check FCHK, Checksum of JESD204B Interface Parameters
The JESD204B parameters can be verified through the checksum
value (FCHK) of the JESD204B interface parameters. Each lane has
a FCHK value associated with it. The FCHK value is transmitted
during the ILAS second multiframe and can be read from the
internal registers.
The checksum value is the modulo 256 sum of the parameters
listed in the No. column of Table 12. The checksum is calculated
by adding the parameter fields before they are packed into the
octets shown in Table 12.
The FCHK value for the lane configuration for data coming out
of Lane 0 can be read from Address 0x79.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com