Electronic Components Datasheet Search
  English  ▼

X  

AD6677BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6677BCPZ Datasheet HTML 18Page - Analog Devices AD6677BCPZ Datasheet HTML 19Page - Analog Devices AD6677BCPZ Datasheet HTML 20Page - Analog Devices AD6677BCPZ Datasheet HTML 21Page - Analog Devices AD6677BCPZ Datasheet HTML 22Page - Analog Devices AD6677BCPZ Datasheet HTML 23Page - Analog Devices AD6677BCPZ Datasheet HTML 24Page - Analog Devices AD6677BCPZ Datasheet HTML 25Page - Analog Devices AD6677BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 22 of 48
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 44, the power dissipated by the AD6677 is
proportional to the sample rate. The data in Figure 44 was taken
using the same operating conditions as those used for the Typical
Performance Characteristics section. IDVDD in Figure 44 is a
summation of IDVDD and IDRVDD.
0
0.05
0.10
0.15
0.20
0.25
0
0.1
0.2
0.3
0.4
0.5
40 55 70 85 100 115 130 145 160 175 190 205 220 235 250
ENCODE FREQUENCY (MSPS)
IAVDD
TOTAL POWER
IDVDD
Figure 44. Power vs. Encode Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD6677 is placed in power-down mode.
In this state, the ADC typically dissipates about 9 mW. Asserting the
PDWN pin low returns the AD6677 to the normal operating mode.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation. As a result, wake-up time is related to the time spent
in power-down mode, and shorter power-down cycles result in
proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map Register
Descriptions section and theApplication Note AN-877, Interfacing
to High Speed ADCs via SPI, for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com