Electronic Components Datasheet Search
  English  ▼

X  

AD6677BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6677BCPZ Datasheet HTML 20Page - Analog Devices AD6677BCPZ Datasheet HTML 21Page - Analog Devices AD6677BCPZ Datasheet HTML 22Page - Analog Devices AD6677BCPZ Datasheet HTML 23Page - Analog Devices AD6677BCPZ Datasheet HTML 24Page - Analog Devices AD6677BCPZ Datasheet HTML 25Page - Analog Devices AD6677BCPZ Datasheet HTML 26Page - Analog Devices AD6677BCPZ Datasheet HTML 27Page - Analog Devices AD6677BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 24 of 48
33% BANDWIDTH MODE (>60 MHz AT
184.32 MSPS)
The second bandwidth mode offers excellent noise performance
over 33% of the ADC sample rate (66% of the Nyquist band) and
can be centered by setting the NSR mode bit in the NSR control
register (Address 0x3C) to 1. In this mode, the useful frequency
range can be set using the 6-bit tuning word in the NSR tuning
register (Address 0x3E). There are 57 possible tuning words (TW);
each step is 0.5% of the ADC sample rate. The following three
equations describe the left band edge (f0), the channel center
(fCENTER), and the right band edge (f1), respectively:
f0 = fADC × .005 × TW
fCENTER = f0 + 0.165 × fADC
f1 = f0 + 0.33 × fADC
Figure 48 to Figure 50 show the typical spectrum that can be
expected from the AD6677 in the 33% bandwidth mode for
three different tuning words.
0
25
50
75
100
125
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
250MSPS
180.1MHz AT –1.6dBFS
SNR = 70.7dB (72.3dBFS)
SFDR = 88dBc (IN-BAND)
Figure 48. 33% Bandwidth Mode, Tuning Word = 5
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
250MSPS
180.1MHz AT –1.6dBFS
SNR = 70.8dB (72.4dBFS)
SFDR = 90dBc (IN-BAND)
Figure 49. 33% Bandwidth Mode, Tuning Word = 17 (fS/4 Tuning)
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (Hz)
250MSPS
180.1MHz AT –1.6dBFS
SNR = 70.6dB (72.2dBFS)
SFDR = 88dBc (IN-BAND)
Figure 50. 33% Bandwidth Mode, Tuning Word = 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com