Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9861
Description  Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9861 Datasheet HTML 35Page - Analog Devices AD9861 Datasheet HTML 36Page - Analog Devices AD9861 Datasheet HTML 37Page - Analog Devices AD9861 Datasheet HTML 38Page - Analog Devices AD9861 Datasheet HTML 39Page - Analog Devices AD9861 Datasheet HTML 40Page - Analog Devices AD9861 Datasheet HTML 41Page - Analog Devices AD9861 Datasheet HTML 42Page - Analog Devices AD9861 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9861
Data Sheet
Rev. A | Page 38 of 51
Register Bit
Description
circuits provides additional power saving over other power-down modes. The Rx path wake-up time
depends on the recovery of these references typically of the order of a few milliseconds.
Bit 5: DiffRef (Power-Down)
Setting this bit high powers down the ADC’s differential references, REFT and REFB. Recovery time
depends on the value of the REFT and REFB decoupling capacitors.
Bit 4: VREF (Power-Down)
Setting this register bit high powers down the ADC reference circuit, VREF. Powering down the Rx band
gap reference allows an external reference to drive the VREF pin setting full-scale range of the Rx paths.
Registers 6/7: Rx Path
Bit 5: Rx_A Twos Complement/
Rx_B Twos Complement
Default data format for the Rx data is straight binary. Setting this bit high generates twos complement
data.
Bit 4: Rx_A Clk Duty/Rx_B Clk Duty
Setting either of these bits high enables the respective channels on-chip duty cycle stabilizer (DCS)
circuit to generate the internal clock for the Rx block. This option is useful for adjusting for high speed
input clocks with skewed duty cycle. The DCS mode can be used with ADC sampling frequencies over
40 MHz.
Registers 8/9/A: Rx Path
Rx Ultralow Power Control Bits
Set all bits high, in combination with asserting the ADC_LO_PWR pin, to reduce the power
consumption of the Rx path by a fourth of normal Rx path power consumption.
Registers 0B/0C/0E/0F: Tx Path
DAC A/DAC B Offset
These 10-bit, twos complement registers control a dc current offset that is combined with the Tx A or Tx
B output signal. An offset current of up to ±12% IOUTFS (2.4 mA for a 20 mA full-scale output) can be
applied to either differential pin on each channel. The offset current can be used to compensate for
offsets that are present in an external mixer stage, reducing LO leakage at its output. The default
setting is 0x00, no offset current. The offset current magnitude is set by using the lower nine bits.
Setting the MSB high adds the offset current to the selected differential pin, while an MSB low setting
subtracts the offset value.
DAC A/DAC B Offset Direction
This bit determines to which of the differential output pins for the selected channel the offset current is
applied. Setting this bit low applies the offset to the negative differential pin. Setting this bit high
applies the offset to the positive differential pin.
Registers 0D/10: Tx Path
Bits 7, 6: DAC A/DAC B Coarse Gain
Control
These register bits scale the full-scale output current (IOUTFS) of either Tx channel independently. IOUT of
the Tx channels is a function of the RSET resistor, the TxPGA setting, and the coarse gain control setting.
00
Output current scaling by 1/11
01
Output current scaling by ½
10
No output current scaling
11
No output current scaling
Bits 5–0: DAC A/DAC B Fine Gain
The DAC output curve can be adjusted fractionally through the gain trim control. Gain trim of up to
±4% can be achieved on each channel individually. The gain trim register bits are a twos complement
attention control word.
MSB, LSB
100000
Maximum positive gain adjustment
111111
Minimum positive gain adjustment
000000
No adjustment (default)
000001
Minimum negative gain adjustment
011111
Maximum negative gain adjustment
Register 11: Tx Path
Bits 0–7: TxPGA Gain
This 8-bit, straight binary (Bit 0 is the LSB, Bit 7 is the MSB) register controls for the Tx programmable gain
amplifier (TxPGA). The TxPGA provides a 20 dB continuous gain range with 0.1 dB steps (linear in dB)
simultaneously to both Tx channels. By default, this register setting is 0xFF.
MSB, LSB
0000 0000
Minimum gain scaling –20 dB
1111 1111
Maximum gain scaling 0 dB
Register 12: Tx Path
Bit 6: TxPGA Slave Enable
The TxPGA gain is controlled through register TxPGA gain setting and, by default, is updated
immediately after the register write. If this bit is set, the TxPGA gain update is synchronized with the
falling edge of a signal applied to the TxPwrDwn pin and is enabled during the wake-up from power-
down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com