Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9861
Description  Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9861 Datasheet HTML 8Page - Analog Devices AD9861 Datasheet HTML 9Page - Analog Devices AD9861 Datasheet HTML 10Page - Analog Devices AD9861 Datasheet HTML 11Page - Analog Devices AD9861 Datasheet HTML 12Page - Analog Devices AD9861 Datasheet HTML 13Page - Analog Devices AD9861 Datasheet HTML 14Page - Analog Devices AD9861 Datasheet HTML 15Page - Analog Devices AD9861 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Data Sheet
AD9861
Rev. A | Page 11 of 51
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 10. AD9861-50 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 76 MHz Tone
05
10
62
59
56
53
50
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 11. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. Input Frequency
05
10
80
75
55
60
65
70
50
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 12. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SFDR Performance vs. Input Frequency
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 13. AD9861-50 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 70 MHz and 72 MHz Tones
05
10
62
59
56
53
50
10.0
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 14. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SINAD Performance vs. Input Frequency
05
10
–80
–75
–70
–65
–60
–55
–50
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 15. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
THD Performance vs. Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com