Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9865BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9865BCPZ Datasheet HTML 3Page - Analog Devices AD9865BCPZ Datasheet HTML 4Page - Analog Devices AD9865BCPZ Datasheet HTML 5Page - Analog Devices AD9865BCPZ Datasheet HTML 6Page - Analog Devices AD9865BCPZ Datasheet HTML 7Page - Analog Devices AD9865BCPZ Datasheet HTML 8Page - Analog Devices AD9865BCPZ Datasheet HTML 9Page - Analog Devices AD9865BCPZ Datasheet HTML 10Page - Analog Devices AD9865BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AD9865
Data Sheet
Rev. B | Page 6 of 48
Parameter
Temp
Test Level
Min
Typ
Max
Unit
POWER CONSUMPTION (Half-Duplex Operation with fDATA = 50 MSPS)2
Tx Mode
IAVDD + ICLKVDD
25°C
IV
112
130
mA
IDVDD + IDRVDD
25°C
IV
46
49.5
mA
Rx Mode
IAVDD + ICLKVDD
25°C
IV
225
253
mA
IDVDD + IDRVDD
25°C
IV
36.5
39
mA
POWER CONSUMPTION OF FUNCTIONAL BLOCKS1 (IAVDD + ICLKVDD)
RxPGA and LPF
25°C
III
87
mA
ADC
25°C
III
108
mA
TxDAC
25°C
III
38
mA
IAMP (Programmable)
25°C
III
10
120
mA
Reference
25°C
III
170
mA
CLK PLL and Synthesizer
25°C
III
107
mA
MAXIMUM ALLOWABLE POWER DISSIPATION
Full
IV
1.66
W
STANDBY POWER CONSUMPTION
IS_TOTAL (Total Supply Current)
Full
13
mA
POWER DOWN DELAY (USING PWR_DWN PIN)
RxPGA and LPF
25°C
III
440
ns
ADC
25°C
III
12
ns
TxDAC
25°C
III
20
ns
IAMP
25°C
III
20
ns
CLK PLL and synthesizer
25°C
III
27
ns
POWER UP DELAY (USING PWR_DWN PIN)
RxPGA and LPF
25°C
III
7.8
µs
ADC
25°C
III
88
ns
TxDAC
25°C
III
13
µs
IAMP
25°C
III
20
ns
CLK PLL and Synthesizer
25°C
III
20
µs
1
Default power-up settings for MODE = HIGH and CONFIG = LOW, IOUTP_FS = 20 mA, does not include IAMP’s current consumption, which is application dependent.
2
Default power-up settings for MODE = LOW and CONFIG = LOW.
DIGITAL SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%; RSET = 2 kΩ, unless otherwise noted.
Table 4.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CMOS LOGIC INPUTS
High Level Input Voltage
Full
VI
DRVDD – 0.7
V
Low Level Input Voltage
Full
VI
0.4
V
Input Leakage Current
12
µA
Input Capacitance
Full
VI
3
pF
CMOS LOGIC OUTPUTS (CLOAD = 5 pF)
High Level Output Voltage (IOH = 1 mA)
Full
VI
DRVDD – 0.7
V
Low Level Output Voltage (IOH = 1 mA)
Full
VI
0.4
V
Output Rise/Fall Time (High Strength Mode and CLOAD = 15 pF)
Full
VI
1.5/2.3
ns
Output Rise/Fall Time (Low Strength Mode and CLOAD = 15 pF)
Full
VI
1.9/2.7
ns
Output Rise/Fall Time (High Strength Mode and CLOAD = 5 pF)
Full
VI
0.7/0.7
ns
Output Rise/Fall Time (Low Strength Mode and CLOAD = 5 pF)
Full
VI
1.0/1.0
ns
RESET
Minimum Low Pulse Width (Relative to fADC)
1
Clock
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com