Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9865BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9865BCPZ Datasheet HTML 5Page - Analog Devices AD9865BCPZ Datasheet HTML 6Page - Analog Devices AD9865BCPZ Datasheet HTML 7Page - Analog Devices AD9865BCPZ Datasheet HTML 8Page - Analog Devices AD9865BCPZ Datasheet HTML 9Page - Analog Devices AD9865BCPZ Datasheet HTML 10Page - Analog Devices AD9865BCPZ Datasheet HTML 11Page - Analog Devices AD9865BCPZ Datasheet HTML 12Page - Analog Devices AD9865BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AD9865
Data Sheet
Rev. B | Page 8 of 48
FULL-DUPLEX DATA INTERFACE (Tx AND Rx PORT) TIMING SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, unless otherwise noted.
Table 7.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Tx PATH INTERFACE (See Figure 53)
Input Nibble Rate (2× Interpolation)
Full
II
20
160
MSPS
Input Nibble Rate (4× Interpolation)
Full
II
10
100
MSPS
Tx Data Setup Time (tDS)
Full
II
2.5
ns
Tx Data Hold Time (tDH)
Full
II
1.5
ns
Rx PATH INTERFACE1 (See Figure 54)
Output Nibble Rate
Full
II
10
160
MSPS
Rx Data Valid Time (tDV)
Full
II
3
ns
Rx Data Hold Time (tDH)
Full
II
0
ns
1
CLOAD =5 pF for digital data outputs.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and guaranteed by design and characterization at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C and guaranteed by design and characterization for industrial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com