Electronic Components Datasheet Search
  English  ▼

X  

AD9874EB Datasheet(PDF) 37 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 33Page - Analog Devices AD9874EB Datasheet HTML 34Page - Analog Devices AD9874EB Datasheet HTML 35Page - Analog Devices AD9874EB Datasheet HTML 36Page - Analog Devices AD9874EB Datasheet HTML 37Page - Analog Devices AD9874EB Datasheet HTML 38Page - Analog Devices AD9874EB Datasheet HTML 39Page - Analog Devices AD9874EB Datasheet HTML 40Page - Analog Devices AD9874EB Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
REV. A
AD9874
–36–
and digital driver strength should be set to their lowest pos-
sible settings to minimize the potential harmful effects of
digital induced noise while preserving a reliable data link to
the DSP. Note that the SSICRA, SSICRB, and SSIORD
registers (i.e., 0x18, 0x19, and 0x1A) provide a large degree
of flexibility for optimization of the SSI interface.
Synchronization of Multiple AD9874s
Some applications such as receiver diversity and beam steering
may require two or more AD9874s operating in parallel while
maintaining synchronization. Figure 28 shows an example of
how multiple AD9874s can be cascaded, with one device serv-
ing as the master and the other devices serving as the slaves. In
this example, all of the devices have the same SPI register con-
figuration since they share the same SPI interface to the DSP.
Since the state of each of the AD9874’s internal counters is
unknown upon initialization, synchronization of the devices is
required via a SYNCB pulse (see Figure 4) to synchronize their
digital filters and ensure precise time alignment of the data
streams.
Although all of the devices’ synthesizers are enabled, the LO
and CLK signals for the slaves(s) are derived from the masters’
synthesizers and are referenced to an external crystal oscillator.
All of the necessary external components (i.e., loop filters,
varactor, LC, and VCO) required to ensure proper closed-loop
operation of these synthesizers are included.
Note that although the VCO output of the LO synthesizer is
ac-coupled to the slave’s LO input(s), all of the CLK inputs of
the devices must be dc-coupled if the AD9874’s CLK oscillators
are enabled. This is due to the dc current required by the CLK
oscillators in each device. In essence, these negative impedance
cores are operating in parallel, increasing the effective Q of the
LC resonator circuit. Note that RBIAS should be sized such
that the sum of the oscillators’ dc bias currents maintains a
common-mode voltage of around 1.6 V.
VCO
25
23
24
PE
PC
PD
33
SYNCB
31
FS
29
28
DOUTA
CLKOUT
35
fREF
19
20
CLKP
CLKN
LOP
LON
43
42
IFIN
47
15
AD9874
MASTER
IOUTC
LOOP
FILTER
38
15
IOUTC
25
23
24
PE
PC
PD
35
LOP
LON
43
42
IFIN
47
31
FS
29
28
DOUTA
CLKOUT
33
SYNCB
TO
DSP
CLKP
CLKN
IOUTL
TO DSP
FROM
DSP
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1 F
LOSC
RBIAS
COSC
TO OTHER
AD9874s
FROM
CRYSTAL
OSCILLATION
VDDC
TO OTHER
AD9874s
AD9874
SLAVE
19
20
fREF
Figure 28. Example of Synchronizing Multiple AD9874s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com