Electronic Components Datasheet Search
  English  ▼

X  

AD9874EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 2Page - Analog Devices AD9874EB Datasheet HTML 3Page - Analog Devices AD9874EB Datasheet HTML 4Page - Analog Devices AD9874EB Datasheet HTML 5Page - Analog Devices AD9874EB Datasheet HTML 6Page - Analog Devices AD9874EB Datasheet HTML 7Page - Analog Devices AD9874EB Datasheet HTML 8Page - Analog Devices AD9874EB Datasheet HTML 9Page - Analog Devices AD9874EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
REV. A
AD9874
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9874 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Parameter
With Respect to
Min
Max
Unit
VDDF, VDDA, VDDC, VDDD, VDDH,
GNDF, GNDA, GNDC, GNDD, GNDH,
–0.3
+4.0
V
VDDL, VDDI
GNDL, GNDI, GNDS
VDDF, VDDA, VDDC, VDDD, VDDH,
VDDR, VDDA, VDDC, VDDD, VDDH,
–4.0
+4.0
V
VDDL, VDDI
VDDL, VDDI
VDDP, VDDQ
GNDP, GNDQ
–0.3
+6.0
V
GNDF, GNDA, GNDC, GNDD, GNDH,
GNDF, GNDA, GNDC, GNDD, GNDH,
–0.3
+0.3
V
GNDL, GNDI, GNDQ, GNDP, GNDS
GNDL, GNDI, GNDQ, GNDP, GNDS
MXOP, MXON, LOP, LON, IFIN,
GNDI
–0.3
VDDI + 0.3
V
CXIF, CXVL, CXVM
PC, PD, PE, CLKOUT, DOUTA,
GNDH
–0.3
VDDH + 0.3
V
DOUTB, FS, SYNCB
IF2N, IF2P, GCP, GCN
GNDF
–0.3
VDDF + 0.3
V
VREFP, VREFN, RREF
GNDA
–0.3
VDDA + 0.3
V
IOUTC
GNDQ
–0.3
VDDQ + 0.3
V
IOUTL
GNDP
–0.3
VDDP + 0.3
V
CLKP, CLKN
GNDC
–0.3
VDDC + 0.3
V
FREF
GNDL
–0.3
VDDL + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9874ABST
–40
°C to +85°C
48-Lead Thin Plastic Quad Flatpack (LQFP)
ST-48
AD9874EB
Evaluation Board
EXPLANATION OF TEST LEVELS
TEST LEVEL
I.
100% production tested.
II.
100% production tested at 25
°C and sample tested at
specified temperatures. AC testing done on sample basis.
III. Sample tested only.
IV. Parameter is guaranteed by design and/or
characterization testing.
V.
Parameter is a typical value only.
VI. All devices are 100% production tested at 25
°C; min and
max guaranteed by design and characterization for industrial
temperature range.
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP
JA = 76.2
°C/W
JC = 17
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com