Electronic Components Datasheet Search
  English  ▼

X  

MXB7843EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXB7843EEE Datasheet HTML 1Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MXB7843 is an industry-standard 4-wire touch-
screen controller. It contains a 12-bit sampling analog-
to-digital converter (ADC) with a synchronous serial
interface and low on-resistance switches for driving
resistive touch screens. The MXB7843 uses an external
reference. The MXB7843 can make absolute or ratio-
metric measurements. The MXB7843 has two auxiliary
ADC inputs. All analog inputs are fully ESD protected,
eliminating the need for external TransZorb™ devices.
The MXB7843 is guaranteed to operate with a single
2.375V to 5.25V supply voltage. In shutdown mode, the
typical power consumption is reduced to under 0.5µW,
while the typical power consumption at 125ksps
throughput and a 2.7V supply is 650µW.
Low-power operation makes the MXB7843 ideal for bat-
tery-operated systems, such as personal digital assis-
tants with resistive touch screens and other portable
equipment. The MXB7843 is available in 16-pin QSOP
and TSSOP packages, and is guaranteed over the
-40°C to +85°C temperature range.
Applications
Personal Digital Assistants
Portable Instruments
Point-of-Sales Terminals
Pagers
Touch-Screen Monitors
Cellular Phones
Features
o ESD-Protected ADC Inputs
±15kV IEC 61000-4-2 Air-Gap Discharge
±8kV IEC 61000-4-2 Contact Discharge
o Pin Compatible with MXB7846
o +2.375V to +5.25V Single Supply
o 4-Wire Touch-Screen Interface
o Ratiometric Conversion
o SPI™/QSPI™, 3-Wire Serial Interface
o Programmable 8-/12-Bit Resolution
o Two Auxiliary Analog Inputs
o Automatic Shutdown Between Conversions
o Low Power
270µA at 125ksps
115µA at 50ksps
25µA at 10ksps
5µA at 1ksps
2µA Shutdown Current
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
VDD
REF
TOP VIEW
MXB7843
QSOP/TSSOP
X+
Y+
GND
X-
Y-
IN3
IN4
Pin Configuration
Ordering Information
19-2435; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MXB7843EEE
-40
°C to +85°C
16 QSOP
MXB7843EUE
-40
°C to +85°C
16 TSSOP
TransZorb is a trademark of General Semiconductor Industries,
Inc.
SPI/QSPI are trademarks of National Semiconductor Corp.
Typical Application Circuit appears at end of data sheet.


Similar Part No. - MXB7843EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843EEE MAXIM-MXB7843EEE Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
More results

Similar Description - MXB7843EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7846 MAXIM-MXB7846 Datasheet
967Kb / 23P
2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
Rev 1; 5/04
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
4-wire resistive Touch Screen Controller
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
4-wire Resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
4-wire resistive touch screen controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com