Electronic Components Datasheet Search
  English  ▼

X  

MXB7843EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MXB7843EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 2.7V, VREF = 2.5V, fDCLK = 2MHz, fSAMPLE = 125kHz, CLOAD = 50pF, 0.1µF capacitor at REF, TA = +25°C, unless otherwise
noted.)
REFERENCE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
7.8
7.9
8.0
8.1
8.2
8.3
7.7
2.5
5.5
CL = 0.1
µF
fSAMPLE = 125kHz
REFERENCE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
7.8
7.9
8.0
8.1
8.2
8.3
7.7
-40
80
VDD = 2.7V
CL = 0.1
µF
fSAMPLE = 125kHz
REFERENCE CURRENT vs. SAMPLE RATE
SAMPLE RATE (kHz)
100
75
50
25
1
2
3
4
5
6
7
8
9
10
0
0
125
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
175
200
225
250
150
2.0
5.5
fSAMPLE = 12.5kHz
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
-25
-10
5
20
35
255
260
265
270
275
280
285
290
250
-40
80
fSAMPLE = 125kHz
VDD = 2.7V
SUPPLY CURRENT vs. SAMPLE RATE
SAMPLE RATE (kHz)
100
75
50
25
125
150
175
200
225
250
100
0
125
VDD = 2.7V
VREF = 2.5V
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
100
150
200
250
300
50
2.7
5.2
DLCK = CS = VDD
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
60
70
80
90
100
110
120
50
-40
80
DCLK = CS = VDD
MAXIMUM SAMPLE RATE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
10
100
1000
1
2.0
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com