Electronic Components Datasheet Search
  English  ▼

X  

LDD120 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDD120
Description  120W DIN Rail DC/DC converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDD120 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDD120 Datasheet HTML 1Page - Bel Fuse Inc. LDD120 Datasheet HTML 2Page - Bel Fuse Inc. LDD120 Datasheet HTML 3Page - Bel Fuse Inc. LDD120 Datasheet HTML 4Page - Bel Fuse Inc. LDD120 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
LDD120 Series
tech.support@psbel.com
LDD120-1212
12 VDC (10.5 - 18 VDC)
14 A - 8.0 A
12 VDC
7 A
LDD120-1224
12 VDC (10.5 - 18 VDC)
15.5 A - 9.0 A
24 VDC
5 A
LDD120-1248
12 VDC (10.5 - 18 VDC)
15.5 A - 9.0 A
48 VDC
2.5 A
LDD120-2412
24 VDC (18 - 36 VDC)
7.5 A - 3.8 A
12 VDC
7 A
LDD120-2424
24 VDC (18 - 36 VDC)
8.5 A - 4.3 A
24 VDC
5 A
LDD120-4812
48 VDC (36 - 72 VDC)
4.5 A - 2.5 A
12 VDC
8 A
LDD120-4824
48 VDC (36 - 72 VDC)
4.3 A - 2.2 A
24 VDC
5 A
Technical parameters are typical, measured in laboratory environment at 25°C and nom. values, after min. 5 minutes of operation.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input DC Voltage Range
LDD120-1212 / LDD120-1224 / LDD120-1248
LDD120-2412 / LDD120-2424
LDD120-4812 / LDD120-4824
12 VDC (10.5 - 18 VDC)
24 VDC (18 - 36 VDC)
48 VDC (36 - 72 VDC)
Input DC Current
LDD120-1212
Vin = Min
Vin = Max
14 A
8.0 A
LDD120-1224 / LDD120-1248
Vin = Min
Vin = Max
15.5 A
9.0 A
LDD120-2412
Vin = Min
Vin = Max
7.5 A
3.8 A
LDD120-2424
Vin = Min
Vin = Max
8.5 A
4.3 A
LDD120-4812
Vin = Min
Vin = Max
4.5 A
2.5 A
LDD120-4824
Vin = Min
Vin = Max
4.3 A
2.2 A
Input Overvoltage Protection (active)
LDD120-1212 / LDD120-1224 / LDD120-1248
LDD120-2412 / LDD120-2424
LDD120-4812 / LDD120-4824
19 VDC
38 VDC
76 VDC
Internal Protection Fuse
(not user replaceable)
LDD120-1212 / LDD120-1224 / LDD120-1248
LDD120-2412 / LDD120-2424
LDD120-4812
LDD120-4824
Fuse 20 AT
Fuse 10 AT
Fuse 8 AT
Fuse 5 AT
Recommended External Protection
(use DC rated devices)
LDD120-1212 / LDD120-1224 / LDD120-1248
LDD120-2412 / LDD120-2424
LDD120-4812 / LDD120-4824
> MCB 25 A C curve
> MCB 13 A C curve
> MCB 6 A C curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com