Electronic Components Datasheet Search
  English  ▼

X  

LDD120 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LDD120
Description  120W DIN Rail DC/DC converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDD120 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LDD120 Datasheet HTML 1Page - Bel Fuse Inc. LDD120 Datasheet HTML 2Page - Bel Fuse Inc. LDD120 Datasheet HTML 3Page - Bel Fuse Inc. LDD120 Datasheet HTML 4Page - Bel Fuse Inc. LDD120 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The LDD family of DC/DC converters is an optimal response to the
applications where compactness and high reliability are requested. All
are isolated and offer a wide range of input voltages.
Simple but elegant look and easy installation make them ideal for
various industrial applications.
High efficiency and compact size
Isolated topology
Wide Input voltage range
Overload 125%
Up to 50°C operating temperature with no derating
Industrial machine control
Process control
Energy management
Remote control systems


Similar Part No. - LDD120

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
LDD1PA2DU24 CARLOGAVAZZI-LDD1PA2DU24 Datasheet
4Mb / 17P
Loop Detector, DIN Rail Housing, Single or Dual Loop
More results

Similar Description - LDD120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
120W/175W DC-DC CONVERTERS FAMILY
Jun-1994
logo
Power-One
LOK4000 POWER-ONE-LOK4000 Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
DRAN120-12A CHINFA-DRAN120-12A Datasheet
496Kb / 4P
AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
logo
Toppower Electronic Tec...
TPRNDR-U120-XS TOPPOWER-TPRNDR-U120-XS Datasheet
1Mb / 6P
120W AC-DC DIN RAIL Power Supply
TPRSDR-120-XS TOPPOWER-TPRSDR-120-XS Datasheet
1Mb / 6P
100~120W AC-DC DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
120W DIN Rail Rype DC-DC Converter
logo
MORNSUN Science& Techno...
LI120-13B12 MORNSUN-LI120-13B12 Datasheet
811Kb / 4P
120W, AC/DC DIN-Rail mounting
logo
Toppower Electronic Tec...
TPR-120-XS TOPPOWER-TPR-120-XS Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-U120-XS TOPPOWER-TPR-U120-XS Datasheet
840Kb / 6P
120W AC-DC DIN RAIL Power Supply
logo
MORNSUN Science& Techno...
LIF120 MORNSUN-LIF120 Datasheet
2Mb / 5P
AC/DC 120W DIN-Rail Power Supply
2022.08.04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com