Electronic Components Datasheet Search
  English  ▼

X  

FDMS004N08C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS004N08C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS004N08C Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS004N08C Datasheet HTML 1Page - ON Semiconductor FDMS004N08C Datasheet HTML 2Page - ON Semiconductor FDMS004N08C Datasheet HTML 3Page - ON Semiconductor FDMS004N08C Datasheet HTML 4Page - ON Semiconductor FDMS004N08C Datasheet HTML 5Page - ON Semiconductor FDMS004N08C Datasheet HTML 6Page - ON Semiconductor FDMS004N08C Datasheet HTML 7Page - ON Semiconductor FDMS004N08C Datasheet HTML 8Page - ON Semiconductor FDMS004N08C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2016
Publication Order Number:
December, 2016, Rev. 1.
1
FDMS004N08C/D
1
FDMS004N08C
N-Channel
Shielded Gate PowerTrench® MOSFET
80 V, 126 A, 4.0 m
Ω
Features
Shielded Gate MOSFET Technology
Max rDS(on) = 4.0 mΩ at VGS = 10 V, ID = 44 A
Max rDS(on) = 10.4 mΩ at VGS = 6 V, ID = 22 A
50% Lower Qrr than Other MOSFET Suppliers
Lowers Switching Noise/EMI
MSL1 Robust Package Design
100% UIL Tested
RoHS Compliant
General Description
This N-Channel MV MOSFET is produced using ON
Semiconductor’s
advanced
PowerTrench®
process
that
incorporates Shielded Gate technology. This process has been
optimized to minimise on-state resistance and yet maintain
superior switching performance with best in class soft body
diode.
Applications
Primary DC-DC MOSFET
Synchronous Rectifier in DC-DC and AC-DC
Motor Drive
Solar
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted.
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
80
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
TC = 25 °C
(Note 5)
126
A
-Continuous
TC = 100 °C
(Note 5)
80
-Continuous
TA = 25 °C
(Note 1a)
18
-Pulsed
(Note 4)
637
EAS
Single Pulse Avalanche Energy
(Note 3)
486
mJ
PD
Power Dissipation
TC = 25 °C
125
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.0
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS004N08C
FDMS004N08C
Power 56
13 ’’
12 mm
3000 units
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
Bottom
Top
Pin 1
S
G
S
S
D
D
D
D
Power 56



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com