Electronic Components Datasheet Search
  English  ▼

X  

FDMS004N08C Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMS004N08C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS004N08C Datasheet(HTML) 3 Page - ON Semiconductor

  FDMS004N08C Datasheet HTML 1Page - ON Semiconductor FDMS004N08C Datasheet HTML 2Page - ON Semiconductor FDMS004N08C Datasheet HTML 3Page - ON Semiconductor FDMS004N08C Datasheet HTML 4Page - ON Semiconductor FDMS004N08C Datasheet HTML 5Page - ON Semiconductor FDMS004N08C Datasheet HTML 6Page - ON Semiconductor FDMS004N08C Datasheet HTML 7Page - ON Semiconductor FDMS004N08C Datasheet HTML 8Page - ON Semiconductor FDMS004N08C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.onsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
80
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
40
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
2.0
3.1
4.0
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-8.3
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 44 A
3.4
4.0
m
Ω
VGS = 6 V, ID = 22 A
5.2
10.4
VGS = 10 V, ID = 44 A, TJ = 125 °C
5.8
6.5
gFS
Forward Transconductance
VDS = 5 V, ID = 44 A
98
S
Ciss
Input Capacitance
VDS = 40 V, VGS = 0 V,
f = 1 MHz
3035
4250
pF
Coss
Output Capacitance
940
1315
pF
Crss
Reverse Transfer Capacitance
27
40
pF
Rg
Gate Resistance
0.1
1.1
2.3
Ω
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 44 A,
VGS = 10 V, RGEN = 6 Ω
17
30
ns
tr
Rise Time
612
ns
td(off)
Turn-Off Delay Time
25
40
ns
tf
Fall Time
410
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 40 V,
ID = 44 A
39
55
nC
Qg
Total Gate Charge
VGS = 0 V to 6 V
25
34
nC
Qgs
Gate to Source Charge
13
nC
Qgd
Gate to Drain “Miller” Charge
7
nC
Qoss
Output Charge
VDD = 40 V, VGS = 0 V
55
nC
Qsync
Total Gate Charge Sync.
VDS = 0 V, ID = 44 A
35
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
0.7
1.2
V
VGS = 0 V, IS = 44 A
(Note 2)
0.8
1.3
trr
Reverse Recovery Time
IF = 22 A, di/dt = 300 A/μs
26
41
ns
Qrr
Reverse Recovery Charge
48
76
nC
trr
Reverse Recovery Time
IF = 22 A, di/dt = 1000 A/μs
19
31
ns
Qrr
Reverse Recovery Charge
108
174
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθCA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. EAS of 486 mJ is based on starting TJ = 25 °C; N-ch: L = 3 mH, IAS = 18 A, VDD = 80 V, VGS =10 V. 100% test at L = 0.1 mH, IAS = 57 A.
4. Pulsed Id please refer to Fig 11 SOA graph for more details.
5. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal & electro-mechanical application board design.
50 °C/W when mounted on a
1 in2 pad of 2 oz copper
125 °C/W when mounted on a
minimum pad of 2 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com