Electronic Components Datasheet Search
  English  ▼

X  

FDMS86183 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMS86183
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86183 Datasheet(HTML) 7 Page - ON Semiconductor

  FDMS86183 Datasheet HTML 1Page - ON Semiconductor FDMS86183 Datasheet HTML 2Page - ON Semiconductor FDMS86183 Datasheet HTML 3Page - ON Semiconductor FDMS86183 Datasheet HTML 4Page - ON Semiconductor FDMS86183 Datasheet HTML 5Page - ON Semiconductor FDMS86183 Datasheet HTML 6Page - ON Semiconductor FDMS86183 Datasheet HTML 7Page - ON Semiconductor FDMS86183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
C
L
L
C
PKG
PKG
5.10
6.15
TOP VIEW
SIDE VIEW
1
4
8
5
A
B
NOTES: UNLESS OTHERWISE SPECIFIED
A. PACKAGE STANDARD REFERENCE: JEDEC MO-240,
ISSUE A, VAR. AA,.
B. DIMENSIONS DO NOT INCLUDE BURRS OR MOLD FLASH.
MOLD FLASH OR BURRS DOES NOT EXCEED 0.10MM.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-2009.
E. IT IS RECOMMENDED TO HAVE NO TRACES OR
VIAS WITHIN THE KEEP OUT AREA.
5.85
5.65
5.00
4.80
OPTIONAL DRAFT
ANGLE MAY APPEAR
ON FOUR SIDES
OF THE PACKAGE
(0.50)
(0.52)
SEE
DETAIL C
BOTTOM VIEW
0.35
0.15
C
SEATING
PLANE
DETAIL C
SCALE: 2:1
0.05
0.00
1
2
3
4
8
7
6
5
0.76
0.51
0.51
0.31
(8X)
3.81
0.35
0.15
0.30
0.05
SEE
DETAIL B
DETAIL B
SCALE: 2:1
(0.34)
1.27
0.10
C A B
3.96
3.61
3.48
+0.30
-0.10
0.08 C
0.10 C
1.10
0.90
8X
(0.30)
(2X)
1.27
3.81
1.27
6.61
3.91
4.52
1.27
1
2
3
4
8
5
6
7
LAND PATTERN
RECOMMENDATION
0.77
0.61
KEEP OUT
AREA
5.10
3.75
0.20
+0.10
-0.15
(8X)
6.25
5.90
5.20
4.80
PQFN8 5X6, 1.27P
CASE 483AE
ISSUE A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com