Electronic Components Datasheet Search
  English  ▼

X  

FPF2498 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2498
Description  Adjustable OVP Input OVT Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2498 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2498 Datasheet HTML 1Page - ON Semiconductor FPF2498 Datasheet HTML 2Page - ON Semiconductor FPF2498 Datasheet HTML 3Page - ON Semiconductor FPF2498 Datasheet HTML 4Page - ON Semiconductor FPF2498 Datasheet HTML 5Page - ON Semiconductor FPF2498 Datasheet HTML 6Page - ON Semiconductor FPF2498 Datasheet HTML 7Page - ON Semiconductor FPF2498 Datasheet HTML 8Page - ON Semiconductor FPF2498 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
February 2015
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2498
• Rev. 1.11
FPF2498
Adjustable OVP with 28 V Input OVT Load Switch
Features
Function
Advanced Load Switch
Input
3.5
– 12 V
Features
28 V Absolute Ratings on VIN
1.7 A Maximum Continuous
Current Capability
80
mΩ RON Typical
Over-Voltage Protection (OVP)
Over-Current Protection (OCP)
Thermal Shutdown
Under-Voltage Lockout (UVLO)
Reverse Current Blocking (RCB)
ESD
15 kV IEC 61000-4-2 Air Gap
Operating
Temperature Range
-40 to +85°C
Package
6-Ball WLCSP (1.05 x 1.3 x
0.625 mm, 0.4 mm Pitch)
Ordering
Information
FPF2498BUCX
Top Mark
TK
Description
The
FPF2498
advanced
load-management
switch
targets
applications
requiring
a
highly
integrated
solution. It disconnects loads powered from the DC
power rail (<12 V) with stringent off-state current targets
and high load capacitances (<100 µF). The FPF2498
consists
of
a
slew-rate
controlled
low-impedance
MOSFET switch. FPF2498 has over-voltage protection
and over-temperature protection.
Applications
Cellular Phones, Smart Phones
Tablets
Related Resources
FPF2498 Evaluation Board
CLOAD
V_IO
Rpull-up
CIN
3-6V
CONTROL
FPF2498
OVP
Charge
Pump
Thermal
Shutdown
UVLO
RCB
ON
OFF
VOUT
FLAGB
VIN
ON
GND
OVLO
R1
R2
Figure 1.
Block Diagram and Typical Application
Note:
1.
Recommend CLOAD value be larger than 2.2 μf.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com