Electronic Components Datasheet Search
  English  ▼

X  

FPF2498 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FPF2498
Description  Adjustable OVP Input OVT Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2498 Datasheet(HTML) 3 Page - ON Semiconductor

  FPF2498 Datasheet HTML 1Page - ON Semiconductor FPF2498 Datasheet HTML 2Page - ON Semiconductor FPF2498 Datasheet HTML 3Page - ON Semiconductor FPF2498 Datasheet HTML 4Page - ON Semiconductor FPF2498 Datasheet HTML 5Page - ON Semiconductor FPF2498 Datasheet HTML 6Page - ON Semiconductor FPF2498 Datasheet HTML 7Page - ON Semiconductor FPF2498 Datasheet HTML 8Page - ON Semiconductor FPF2498 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2498
• Rev. 1.11
2
Pin Configuration
VOUT
ON
GND
OVLO
VIN
1.05mm
1.3mm
Top Though View
FLAG
B
VOUT
ON
GND
OVLO
VIN
Bottom View
FLAG
B
A
B
C
A
B
C
1
2
2
1
Figure 2.
Pin Assignments
Pin Map
Name Pin #
Type
Default State
Description
VIN
A2
Input
N/A
Input voltage path
VOUT
B1
Output
N/A
Output voltage path
ON
B2
Input
LOW
On / Off control of device
VIH=HIGH
Enabled
VIL=LOW
Disabled
OVLO
C1
Input
OVP Adjustment set by R1 and R2 and is compared to 1.2 V
– VIN ×
R2 / (R1+R2) >1.2 V
FLAGB
C2
Open-
Drain
Output
High-Z
Indicates a OVP / OCP /
OTP fault
LOW / GND
Active
– Indicates:
OVP (over 6.5 V at 3
– 6 V)
OCP (over 2 A)
OTP (over 150°C)
HIGH / V_IO
Normal Operation
GND
A1
GND
GND
Device ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com