Electronic Components Datasheet Search
  English  ▼

X  

LM4671 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4671
Description  Filterless High Efficiency 2.5W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4671 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4671 Datasheet HTML 2Page - National Semiconductor (TI) LM4671 Datasheet HTML 3Page - National Semiconductor (TI) LM4671 Datasheet HTML 4Page - National Semiconductor (TI) LM4671 Datasheet HTML 5Page - National Semiconductor (TI) LM4671 Datasheet HTML 6Page - National Semiconductor (TI) LM4671 Datasheet HTML 7Page - National Semiconductor (TI) LM4671 Datasheet HTML 8Page - National Semiconductor (TI) LM4671 Datasheet HTML 9Page - National Semiconductor (TI) LM4671 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 2.4V, RL = 15µH+4
Ω+15µH,
P
O = 375mW, 22kHz BW
THD+N vs Frequency
V
DD = 3.6V, RL = 15µH+4
Ω+15µH,
P
O = 750mW, 22kHz BW
20107303
20107304
THD+N vs Frequency
V
DD = 5V, RL = 15µH+4
Ω+15µH,
P
O = 1.5mW, 22kHz BW
THD+N vs Frequency
V
DD = 2.4V, RL = 15µH+8
Ω+15µH,
P
O = 200mW, 22kHz BW
20107305
20107306
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com