Electronic Components Datasheet Search
  English  ▼

X  

LM4671 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4671
Description  Filterless High Efficiency 2.5W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4671 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4671 Datasheet HTML 1Page - National Semiconductor (TI) LM4671 Datasheet HTML 2Page - National Semiconductor (TI) LM4671 Datasheet HTML 3Page - National Semiconductor (TI) LM4671 Datasheet HTML 4Page - National Semiconductor (TI) LM4671 Datasheet HTML 5Page - National Semiconductor (TI) LM4671 Datasheet HTML 6Page - National Semiconductor (TI) LM4671 Datasheet HTML 7Page - National Semiconductor (TI) LM4671 Datasheet HTML 8Page - National Semiconductor (TI) LM4671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4671
Filterless High Efficiency 2.5W Switching Audio
Amplifier
General Description
The LM4671 is a single supply, high efficiency 2.5W switch-
ing audio amplifier. A low noise, filterless PWM architecture
eliminates the output filter, reducing external component
count, board area consumption, system cost, and simplifying
design.
The LM4671 is designed to meet the demands of mobile
phones and other portable communication devices. Operat-
ing on a single 5V supply, it is capable of driving a 4
Ω
speaker load at a continuous average output of 2.1W with
less than 1% THD+N. Its flexible power supply requirements
allow operation from 2.4V to 5.5V.
The LM4671 has high efficiency with speaker loads com-
pared to a typical Class AB amplifier. With a 3V supply
driving an 8
Ω speaker, the IC’s efficiency for a 100mW
power level is 80%, reaching 88% at 400mW output power.
The LM4671 features a low-power consumption shutdown
mode. Shutdown may be enabled by driving the Shutdown
pin to a logic low (GND).
The gain of the LM4671 is externally configurable which
allows independent gain control from multiple sources by
summing the signals.
Key Specifications
j Efficiency at 3.6V, 100mW into 8
Ω speaker 80% (typ)
j Efficiency at 3.6V, 400mW into 8
Ω speaker 88% (typ)
j Efficiency at 5V, 1W into 8
Ω speakerr
86% (typ)
j Quiescent current, 3.6V supply
2.8mA (typ)
j Total shutdown power supply current
0.01µA (typ)
j Single supply range
2.4V to 5.5V
Features
n
No output filter required for inductive loads
n
Externally configurable gain
n
Very fast turn on time: 1ms (typ)
n
Minimum external components
n
"Click and pop" suppression circuitry
n
Micro-power shutdown mode
n
Available in space-saving microSMD package
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
201073J3
FIGURE 1. Typical Audio Amplifier Application Circuit
March 2005
© 2005 National Semiconductor Corporation
DS201073
www.national.com


Similar Part No. - LM4671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4671 NSC-LM4671 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 TI2-LM4671 Datasheet
919Kb / 23P
LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
REVISED MAY 2013
logo
National Semiconductor ...
LM4671ITL NSC-LM4671ITL Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
More results

Similar Description - LM4671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com