Electronic Components Datasheet Search
  English  ▼

X  

PCA9530 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9530
Description  2-bit I2C LED dimmer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9530 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9530 Datasheet HTML 3Page - NXP Semiconductors PCA9530 Datasheet HTML 4Page - NXP Semiconductors PCA9530 Datasheet HTML 5Page - NXP Semiconductors PCA9530 Datasheet HTML 6Page - NXP Semiconductors PCA9530 Datasheet HTML 7Page - NXP Semiconductors PCA9530 Datasheet HTML 8Page - NXP Semiconductors PCA9530 Datasheet HTML 9Page - NXP Semiconductors PCA9530 Datasheet HTML 10Page - NXP Semiconductors PCA9530 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Preliminary data
PCA9530
2-bit I2C LED dimmer
2002 Dec 12
7
Bus transactions
0A0
12
SCL
WRITE TO
REGISTER
DATA OUT
FROM PORT
3
4
567
8
SDA
S0
A
A
A
11
0
0
0
DATA 1
slave address
data to register
start condition
R/W
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
tpv
DATA 1 VALID
SW01014
9
B0
0
0
0
AI
0
B2
B1
command byte
Figure 9. WRITE to register
0
0
0
0
0
0
A0
1
1
0
0
A0
1
1
S0
A
A
A
acknowledge
from slave
R/W
acknowledge
from slave
A
P
NA
acknowledge
from slave
acknowledge
from master
S
DATA
DATA
R/W
first byte
at this moment master-transmitter
becomes master-receiver and
slave-receiver becomes
slave-transmitter
last byte
SW01098
no acknowledge
from master
1
slave address
data from register
data from register
slave address
auto-increment
register address
if AI = 1
0
0
0
AI
0B2
B1 B0
Figure 10. READ from register
11
0
0
0
0
A0
READ FROM
PORT
DATA INTO
PORT
SDA
S1
A
A
DATA 1
DATA 4
slave address
data from port
data from port
start condition
R/W
acknowledge
from slave
acknowledge
from master
stop
condition
tps
DATA 4
DATA 2
P
DATA 3
tph
SW01095
no acknowledge
from master
NA
DATA 1
NOTES:
1. This figure assumes the command byte has previously been programmed with 00h.
Figure 11. READ input port register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com