Electronic Components Datasheet Search
  English  ▼

X  

PCA9530 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9530
Description  2-bit I2C LED dimmer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9530 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9530 Datasheet HTML 1Page - NXP Semiconductors PCA9530 Datasheet HTML 2Page - NXP Semiconductors PCA9530 Datasheet HTML 3Page - NXP Semiconductors PCA9530 Datasheet HTML 4Page - NXP Semiconductors PCA9530 Datasheet HTML 5Page - NXP Semiconductors PCA9530 Datasheet HTML 6Page - NXP Semiconductors PCA9530 Datasheet HTML 7Page - NXP Semiconductors PCA9530 Datasheet HTML 8Page - NXP Semiconductors PCA9530 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Preliminary data
PCA9530
2-bit I2C LED dimmer
2
2002 Dec 12
FEATURES
• 2 LED drivers (on, off, flashing at a programmable rate)
• 2 selectable, fully programmable blink rates (frequency and duty
cycle) between 0.625 and 160 Hz (1.6 seconds and
6.25 milliseconds)
• 256 brightness steps
• Input/output not used as LED drivers can be used as regular
GPIOs
• Internal oscillator requires no external components
• I2C interface logic compatible with SMBus
• Internal power-on reset
• Noise filter on SCL/SDA inputs
• Active low reset input
• 2 open drain outputs directly drive LEDs to 25 mA
• Edge rate control on outputs
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Package offer: SO8, TSSOP8, VSSOP8
DESCRIPTION
The PCA9530 is a 2-bit I
@C and SMBus I/O expander optimized for
dimming LEDs in 256 discrete steps for Red/Green/Blue (RGB)
color mixing and back light applications.
The PCA9530 contains an internal oscillator with two user
programmable blink rates and duty cycles coupled to the output
PWM. The LED brightness is controlled by setting the blink rate high
enough (> 100 Hz) that the blinking can not be seen and then using
the duty cycle to vary the amount of time the LED is on and thus the
average current through the LED.
The initial setup sequence programs the two blink rates/duty cycles
for each individual PWM. From then on, only one command from the
bus master is required to turn individual LEDs ON, OFF, BLINK
RATE 1 or BLINK RATE 2. Based on the programmed frequency
and duty cycle, BLINK RATE 1 and BLINK RATE 2 will cause the
LEDs to appear at a different brightness or blink at periods up to 1.6
second. The open drain outputs directly drive the LEDs with
maximum output sink current of 25 mA per bit and 50 mA per
package.
To blink LEDs at periods greater than 1.6 second the bus master
(MCU, MPU, DSP, chipset, etc.) must send repeated commands to
turn the LED on and off as is currently done when using normal I/O
Expanders like the Philips PCF8574 or PCA9554. Any bits not used
for controlling the LEDs can be used for General Purpose Parallel
Input/Output (GPIO) expansion which provides a simple solution
when additional I/O is needed for ACPI power switches, sensors,
pushbuttons, alarm monitoring, fans, etc.
The active low hardware reset pin (RESET) and Power On Reset
(POR) initialize the registers to their default state causing the bits to
be set high (LED off).
One hardware address pin on the PCA9530 allows two devices to
operate on the same bus.
1
2
3
45
6
7
8
A0
LED0
LED1
VSS
VDD
SDA
SCL
RESET
SW00926
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
A0
Address input 0
2
LED0
LED driver 0
3
LED1
LED driver 1
4
VSS
Supply ground
5
RESET
Active low reset input
6
SCL
Serial clock line
7
SDA
Serial data line
8
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-Pin Plastic SO
-40 to +85
°C
PCA9530D
PCA9530
SOT96-1
8-Pin Plastic TSSOP
-40 to +85
°C
PCA9530DP
9530
SOT505-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com