Electronic Components Datasheet Search
  English  ▼

X  

LC823450 Datasheet(PDF) 52 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 52 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 48Page - ON Semiconductor LC823450 Datasheet HTML 49Page - ON Semiconductor LC823450 Datasheet HTML 50Page - ON Semiconductor LC823450 Datasheet HTML 51Page - ON Semiconductor LC823450 Datasheet HTML 52Page - ON Semiconductor LC823450 Datasheet HTML 53Page - ON Semiconductor LC823450 Datasheet HTML 54Page - ON Semiconductor LC823450 Datasheet HTML 55Page - ON Semiconductor LC823450 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
LC823450
www.onsemi.com
52
Table 17. RECOMMENDED OPERATING CONDITIONS (Ta = −20
_C to +65_C)
Item
Symbol
Condition
Low Voltage Operation
(Note 29)
High Voltage Operation
(Note 29)
Unit
Min
Typ
Max
Min
Typ
Max
Power Supply
Voltage
Vdd1
0.93
1.0
1.27
1.1
1.2
1.27
V
VddXT1
(Note 30)
0.93
1.0
1.3
0.93
1.2
1.3
V
AVddPLL1
0.93
1.0
1.3
1.1
1.2
1.3
V
AVddPLL2
0.9
1.0
1.3
0.9
1.2
1.3
V
AVddPLL3
2.7
3.3
3.6
Same as left
V
VddRTC
0.9
1.0
1.1
Same as left
V
Vdd2
2.7
3.3
3.6
Same as left
V
1.7
1.8
1.95
Same as left
V
VddSD0
2.7
3.3
3.6
Same as left
V
1.7
1.8
1.95
Same as left
V
VddSD1
2.7
3.3
3.6
Same as left
V
1.7
1.8
1.95
Same as left
V
VddSD2
2.7
3.3
3.6
Same as left
V
1.7
1.8
1.95
Same as left
V
VddQSPI
2.7
3.3
3.6
Same as left
V
1.7
1.8
1.95
Same as left
V
AVddADC
2.7
3.3
3.6
Same as left
V
AVddUSBPHY1
(Note 31)
0.93
1.2
1.3
Same as left
V
(Note 32)
1.08
1.2
1.3
Same as left
V
DVddUSBPHY1
(Note 35)
0.93
1.2
1.3
Same as left
V
(Note 32)
1.08
1.2
1.3
Same as left
V
AVddUSBPHY2
(Note 31)
2.7
3.3
3.6
Same as left
V
(Note 32)
3.0
3.3
3.6
Same as left
V
AVddDAMPL
0.93
1.2
1.65
Same as left
V
(Note 33)
0.93
1.2
1.95
Same as left
V
AVddDAMPR
0.93
1.2
1.65
Same as left
V
(Note 33)
0.93
1.2
1.95
Same as left
V
Input Range
VIN
0
*Vdd*
Same as left
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
29. Follow the operating frequency specifications because the operating frequency ranges are specified according to the operating voltage
ranges.
30. Regarding Xtal frequency range, refer to the detailed datasheet.
31. While USB is not used.
32. While USB is used (including USB suspend mode).
33. While used as GPO (general purpose output) the output of which can be controlled by registers.
34. Power domains of Vdd1, AVddUSBPHY1 = DVddUSBPHY1, AVddPLL1, AVddPLL2, AVddPLL3, VddXT1 are divided, and different voltage
can be supplied.
Power domains of Vdd2, VddSD0, VddSD1, VddSD2, VddQSPI, AVddADC, AVddUSBPHY2, AVddPLL3, AvddDAMPL = AVddDAMPR are
divided, and difference voltage can be supplied.
If power is supplied to one of the power supply pins above, all of other power supply pins should be supplied.
VddRTC can be supplied if BACKUPB is set to low, while other power supply pins are not supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com