Electronic Components Datasheet Search
  English  ▼

X  

LC823450 Datasheet(PDF) 107 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 107 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 103Page - ON Semiconductor LC823450 Datasheet HTML 104Page - ON Semiconductor LC823450 Datasheet HTML 105Page - ON Semiconductor LC823450 Datasheet HTML 106Page - ON Semiconductor LC823450 Datasheet HTML 107Page - ON Semiconductor LC823450 Datasheet HTML 108Page - ON Semiconductor LC823450 Datasheet HTML 109Page - ON Semiconductor LC823450 Datasheet HTML 110Page - ON Semiconductor LC823450 Datasheet HTML 111Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
LC823450
www.onsemi.com
107
Table 60. (continued)
TQFP
(Pin No)
Power Supply Range
Bypass
Capacitor
L2
L1
PIN NAME
WLP
(Ball)
91
A9
AVDDPLL1
4 nH
80 nH
0.1
μF
−
120
K12
AVDDPLL2
4 nH
80 nH
0.1
μF
−
−
J12
AVDDPLL3
6 nH
80 nH
0.1
μF
−
113
G11
AVDDDAMPR
8 nH
160 nH
0.1
μF
−
114
G12
AVDDDAMPL
8 nH
160 nH
0.1
μF
−
2
N12
VDD2
8 nH
160 nH
0.01
μF
under 2 V case
6 nH
80 nH
0.1
μF
equal 2 V or more case
127
M12
VDD2
8 nH
160 nH
0.01
μF
under 2 V case
6 nH
80 nH
0.1
μF
equal 2 V or more case
95
A12
VDD2
16 nH
160 nH
0.01
μF
under 2 V case
6 nH
160 nH
0.01
μF
equal 2 V or more case
99
C11
VDD2
16 nH
160 nH
0.01
μF
under 2 V case
6 nH
160 nH
0.01
μF
equal 2 V or more case
108
E11
VDD2
16 nH
160 nH
0.01
μF
under 2 V case
6 nH
160 nH
0.01
μF
equal 2 V or more case
80
D6
AVDDUSBPHY2
12 nH
160 nH
0.01
μF
−
83
C7
AVDDUSBPHY2
12 nH
160 nH
0.01
μF
−
28
N2
VDD2
16 nH
160 nH
0.01
μF
−
49
H1
VDD2
16 nH
160 nH
0.01
μF
−
31
N1
VDDSD0
32 nH
160 nH
0.01
μF
−
50
H2
VDDRTC
16 nH
160 nH
0.01
μF
−
57
E2
AVDDADC
32 nH
160 nH
0.01
μF
−
5
L9
VDD1
40 nH
160 nH
0.01
μF
−
9
L8
VDDQSPI
40 nH
160 nH
0.01
μF
−
20
N5
VDDSD1
40 nH
160 nH
0.01
μF
−
26
L4
VDD1
40 nH
160 nH
0.01
μF
−
40
L1
VDDSD2
40 nH
160 nH
0.01
μF
−
47
J1
VDD1
40 nH
160 nH
0.01
μF
−
74
B4
VDD1
40 nH
160 nH
0.01
μF
−
84
D7
AVDDUSBPHY1
40 nH
160 nH
0.01
μF
−
86
B8
VDDXT1
40 nH
160 nH
0.01
μF
−
90
E8
VDD1
40 nH
160 nH
0.01
μF
−
110
G10
VDD1
40 nH
160 nH
0.01
μF
−
121
G9
VDD1
40 nH
160 nH
0.01
μF
−
The formula to calculate parasitic inductance (for your
reference):
0.0002L ln
2L
W
) H )
0.2235
W
) H
L
) 0.5 mH (eq. 1)
Figure 61.
W
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com