Electronic Components Datasheet Search
  English  ▼

X  

PI6C102 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C102
Description  Precision Clock Synthesizer for Mobile PCs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C102 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS8164A
09/29/00
PI6C102
Precision Clock Synthesizer
for Mobile PCs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PCICLK_F
VSSPCI0
PCICLK1
PCICLK3
VDDPCI0
PCICLK2
VDDPCI1
PCICLK4
PCICLK5
VSSPCI1
VSSCORE0
VSSREF
REF
VDDCPU
CPUCLK1
VSSCPU
VDDCORE1
VSSCORE1
PCISTOP#
CPUSTOP#
PWRDWN#
SEL
SEL100/66#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
XTAL_IN
XTAL_OUT
CPUCLK0
VDDREF
VDDCORE0
PinConfiguration
BlockDiagram
Features
• Two copies of CPU clock with VDD of 2.5V ±5%
• 100 MHz or 66.6 MHz operation
• Six copies of PCI clock, (synchronous with CPU clock) 3.3V
• One copy of Ref. Clock @ 14.31818 MHz (3.3VTTL)
• Low cost 14.31818 MHz crystal oscillator input
• Power management control
• Isolated core VDD, VSS pins for noise reduction
• 28-pinSSOPpackage(H)
Description
The PI6C102 is a high-speed low-noise clock generator designed
to work with the Pericom's PI6C18x clock buffer to meet all clock
needs for Mobile Intel Architecture platforms. CPU and chipset
clock frequencies of 66.6 MHz and 100 MHz are supported.
Split supplies of 3.3V and 2.5V are used. The 3.3V power supply
powers a portion of the I/O and the core. The 2.5V is used to power
theremainingoutputs.2.5VsignalingfollowsJEDECstandard8-X.
Power sequencing of the 3.3V and 2.5V supplies is not required.
An asynchronous PWRDWN# signal may be used to orderly power
down (or up) the system.
28-Pin
H
REF
PCICLK
[1:5]
CPUCLK
[0:1]
REF
OSC
CPUSTOP#
*KBBAHI
2
5
PCICLK_F
PCISTOP#
DIV
XTAL_OUT
XTAL_IN
VDDREF
VDDCPU
VDDCPU0,1
SEL100/66#
SEL
PWRDWN#
PLL1


Similar Part No. - PI6C102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103-XXL PERICOM-PI6C103-XXL Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103H PERICOM-PI6C103H Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results

Similar Description - PI6C102

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
FOR PCS MOBILE TELEPHONE, Rx
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
FOR PCS MOBILE TELEPHONE, Tx
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Cypress Semiconductor
CY2833 CYPRESS-CY2833 Datasheet
224Kb / 18P
Intel CK408 Mobile Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
Precision Clock Synthesizer for Mobile PCs
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY28339 SPECTRALINEAR-CY28339 Datasheet
160Kb / 17P
Intel CK408 Mobile Clock Synthesizer
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
3.3V Precision Audio Clock Synthesizer
11/12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com