Electronic Components Datasheet Search
  English  ▼

X  

PI6C102 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C102
Description  Precision Clock Synthesizer for Mobile PCs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C102 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C102 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PS8164A
09/29/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C102
Precision Clock Synthesizer for Mobile PCs
Notes:
1. All timing is referenced to the CPUCLK.
2. PCI_STOP# signal is an input signal which must be made synchronous to PCI_F output.
3 Internal means inside the chip.
4. All other clocks continue to run undisturbed.
5. PWR_DWN# and CPU_STOP# are shown in a high state.
6. Diagrams shown with respect to 66 MHz. Similar operation as CPU = 100 MHz.
PCI_STOP# is an input signal used to turn off PCI clocks for low
power operation. PCI clocks are stopped in the LOW state and
PCI_STOP# Timing Diagram
PWR_DWN# Timing Diagram
The PWR_DWN# is used to place the device in a very low power
state. PWR_DWN# is an asynchronous active low input. Internal
clocks are stopped after the device is put in power-down mode.
Notes:
1. All timing is referenced to the CPUCLK.
2. The Internal label means inside the chip and is a reference only.
3. PWR_DWN# is an asynchronous input and metastable conditions could exist. The signal is synchronized inside the part.
4. The shaded sections on the VCO and the Crystal signals indicate an active clock.
5. Diagrams shown wth respect to 66 MHz. Similar operation as CPU = 100 MHz.
Thepower-onlatencyislessthan3ms.PCI_STOP#andCPU_STOP#
are“don’tcares”duringthepower-downoperations.TheREFclock
is stopped in the LOW state as soon as possible.
started with a guaranteed full high pulse width. There is ONLY one
rising edge of external PCICLK after the clock control logic.
CPUCLK
(Internal)
PCICLK
(Internal)
PCICLK_F
(Free-running)
CPU_STOP#
PCI_STOP#
PWR_DWN#
PCICLK
(External)
CPUCLK
(Internal)
PCICLK
(Internal)
VCO
PWR_DWN#
CPUCLK
(External)
PCICLK
(External)
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com