Electronic Components Datasheet Search
  English  ▼

X  

MIRO39 Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # MIRO39
Description  Optically pumped light emitting diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

MIRO39 Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  MIRO39 Datasheet HTML 1Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 2Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 3Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 4Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Several useful notes
Microimmersion lenses (mIL) are made from chalcogenide glass with low
melting temperature (60-70
oC). That’s why, please, try to install them
vertically,
pay
attention
to
heasinking
conditions
and
avoid
any
heaters close to the miL-LEDs.
Maximum
operating
current
is
defined
as
that
producing
Δt=10-20 K
overheating of the p-n junction relative to a heatsink temperature. We
recommend not exceeding 0.75
×Imax for long term operating devices.
In
certain
applications
it’s
important
to
know
that
in
addition
to
mid-IR
radiation
most optically pumped LEDs emit NIR pumping
radiation
λ≅0.87 μm as well (see graph on
the
right).
This
“parasitic”
emission
can
be
cut
off
by
filters
or
by
a
detector
window, e.g. by CdSb lens in TO-39 packed
LEDs.
0.80
0.85
0.90
0.95
0.0
0.5
1.0
Wavelength (μm)
Don’t touch the chip, connecting wires and miL surface.
Answers to frequently asked questions
Q: What are the advantages of the IL and mIL package?
A:
OP
LEDs
with
immersion
lenses
emit
radiation
within
small
spatial
angle, so it is easier to get a signal at some distance from the LED.
Q:
What
is
the
main
difference
between
LEDs
with
microimmersion
lens
(mIL) and LEDs with immersion lens (IL)?
A:
miL
LEDs
are
brighter/smaller
than
the
L-equipped
LEDs
and
thus
standard detectors with 1
×1 mm2 area can be used (spherical mirror or
close
“face-to-face”
schemes).
However,
IL
LEDs
are
more
stable
than
the mil LEDs with respect to heating and high drive currents.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com