Electronic Components Datasheet Search
  English  ▼

X  

MIRO39 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # MIRO39
Description  Optically pumped light emitting diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

MIRO39 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  MIRO39 Datasheet HTML 1Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 2Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 3Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 4Page - Roithner LaserTechnik GmbH MIRO39 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
General characterization
Current dependence of the output power (L-I) (24
0C)
0
200 400 600 800 1000 1200 1400 1600
0.0
0.1
0.2
0.3
0.4
24
oC, f=2 kHz
τ=10 μs
τ=50 μs
τ=250 μs
TO39 attached
to a heatsink
Current (mA)
0
200
400
600
800
1000
0.00
0.05
0.10
0.15
0.20
0.25
24
oC, f=2 kHz
τ=10 μs
τ=50 μs
τ=250 μs
TO39 without
a heatsink
Current (mA)
0
200
400
600
800
1000
0.00
0.05
0.10
0.15
0.20
0.25
24
oC, f=2 kHz
τ=10 μs
τ=50 μs
τ=250 μs
TO18 attached
to a heatsink
Current (mA)
0
100
200
300
400
500
600
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
24
oC, f=2 kHz
τ=10 μs
τ=50 μs
τ=250 μs
TO18 without
a heatsink
Current (mA)
Maximal current vs. operation conditions
0.01
0.1
1
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
3000
Duty cycle = τ/T,
τ - pulse duration,
T - period duration
Duty cycle
TO39 attached to a heatsink
TO39 without and TO18 with a heatsink
TO18 without a heatsink



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com