Electronic Components Datasheet Search
  English  ▼

X  

SLA7060M Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # SLA7060M
Description  UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7060M Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button SLA7060M Datasheet HTML 8Page - Allegro MicroSystems SLA7060M Datasheet HTML 9Page - Allegro MicroSystems SLA7060M Datasheet HTML 10Page - Allegro MicroSystems SLA7060M Datasheet HTML 11Page - Allegro MicroSystems SLA7060M Datasheet HTML 12Page - Allegro MicroSystems SLA7060M Datasheet HTML 13Page - Allegro MicroSystems SLA7060M Datasheet HTML 14Page - Allegro MicroSystems SLA7060M Datasheet HTML 15Page - Allegro MicroSystems SLA7060M Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SLA7060M THRU SLA7062M
UNIPOLAR STEPPER-MOTOR
TRANSLATOR/DRIVERS
www.allegromicro.com
13
Applications Information (cont’d)
Allowable avalanche energy
Waveforms during avalanche breakdown
caused by increased operating junction temperatures. The
figure provides a normalized on-resistance curve, and all
thermal calculations should consider increases from the
given +25°C limits, which may be caused by internal
heating during normal operation.
These power MOSFET outputs feature an excellent
combination of fast switching, ruggedized device design,
low on resistance, and cost effectiveness.
Avalanche energy capability. There is a surge voltage
expected when the output MOSFET turns off, and this
voltage may exceed the MOSFET breakdown voltage
(V
(BR)DS). However, the MOSFETs are avalanche type
and as long as the energy (E
(AV)), which is imposed on the
MOSFET by the surge voltage, is less than the maximum
allowable value, it is considered to be within its safe
operating area. Note that the maximum allowable ava-
lanche energy is reduced as a function of temperature.
In application, the avalanche energy (E
(AV)) dissipated
by the MOSFET is approximated as
E
(AV) = VDS(AV) x 0.5 x ID x t
Output circuit for avalanche energy
calculations
Lead temperature TL [°C) at GND pin (#11) close to the package
SLA7062M
SLA7061M
SLA7060M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com