Electronic Components Datasheet Search
  English  ▼

X  

SLA7060M Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SLA7060M
Description  UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7060M Datasheet(HTML) 3 Page - Allegro MicroSystems

  SLA7060M Datasheet HTML 1Page - Allegro MicroSystems SLA7060M Datasheet HTML 2Page - Allegro MicroSystems SLA7060M Datasheet HTML 3Page - Allegro MicroSystems SLA7060M Datasheet HTML 4Page - Allegro MicroSystems SLA7060M Datasheet HTML 5Page - Allegro MicroSystems SLA7060M Datasheet HTML 6Page - Allegro MicroSystems SLA7060M Datasheet HTML 7Page - Allegro MicroSystems SLA7060M Datasheet HTML 8Page - Allegro MicroSystems SLA7060M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SLA7060M THRU SLA7062M
UNIPOLAR STEPPER-MOTOR
TRANSLATOR/DRIVERS
www.allegromicro.com
3
Electrical characteristics: unless otherwise noted at T
A = +25°C, VBB = 24 V, VDD = 5.0 V.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output drivers
Driver Supply Volt. Range
V
BB
Operating
10
—
44
V
Drain-Source Breakdown
V
(BR)DS
V
BB = 44 V, ID = 1 mA
100
—
—
V
Output On Resistance
r
DS(on)
SLA7060M, I
O = 1.0 A
—
700
850
m
Ω
SLA7061M, I
O = 2.0 A
—
250
400
m
Ω
SLA7062M, I
O = 3.0 A
—
180
240
m
Ω
Body Diode Forward Volt.
V
F
SLA7060M, I
F = 1.0 A
—
0.85
1.1
V
SLA7061M, I
F = 2.0 A
—
0.95
TBD
V
SLA7062M, I
F = 3.0 A
—
0.95
TBD
V
Driver Supply Current
I
BB
——
15
mA
V
REF > 2.0 V (sleep mode)
—
—
100
µA
Control logic
Logic Supply Volt. Range
V
DD
Operating
3.0
5.0
5.5
V
Logic Input Voltage
V
IH
0.75V
DD
——
V
V
IL
—
—
0.25V
DD
V
Logic Input Current
I
IH
—
±1.0
—
µA
I
IL
CLOCK, RESET, CW/CCW, and SYNC.
—
±1.0
—
µA
M1 and M2
-25
-50
-75
µA
Max. Clock Frequency
f
clk
250*
—
—
kHz
PWM Off Time
t
off
70 to 100%I
tripmax
—
12
—
µs
38 to 64%I
tripmax
—
9.0
—
µs
9 to 30%I
tripmax
—
7.0
—
µs
PWM Min. On Time
t
on(min)
—
1.8
—
µs
Ref. Input Voltage Range
V
REF
Operating
0
—
1.5
V
Sleep mode
2.0
—
V
DD
V
Ref. Input Current
I
REF
—
±10
—
µA
Monitor Output Voltage
V
MoH
V
DD - 1.25
—
—
V
V
MoL
—
—
1.25
V
Monitor Output Current
I
Mo
—
—
±3.0
mA
Sense Voltage
V
S
Trip point at 100% I
O
0.95V
REF
V
REF
1.05V
REF
V
Sense Input Current
I
SENSE
—
±10
—
µA
Propagation Delay Time
t
PLH
Clock rising edge to output on
—
2.0
—
µs
t
PHL
Clock rising edge to output off
—
1.5
—
µs
Logic Supply Current
I
DD
—
—
4.0
mA
Typical values are given for circuit design information only.
*Operation at a clock frequency greater than the specified minimum value is possible but not warranted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com