Electronic Components Datasheet Search
  English  ▼

X  

PAT9125EL Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAT9125EL
Description  Optical Tracking Miniature Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAT9125EL Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAT9125EL Datasheet HTML 5Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 6Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 7Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 8Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 9Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 10Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 11Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 12Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.2 | 31 May 2017 | 21002AEN
PAT9125EL Product Datasheet
Optical Tracking Miniature Chip
Document Revision History
Revision Number
Date
Description
1.1
05 Apr 2017
Based on DS v1.1
1.2
31 May 2017
Based on DS v1.1
1. Widened the spec. of VDD from 2.1V~3.3V to 2.1V~3.6V
2. Widened the spec. of VLD from 2.7V~3.3V to 2.7V~3.6V
3. Added LASER Class 1 Product logo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com