Electronic Components Datasheet Search
  English  ▼

X  

PAT9125EL Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAT9125EL
Description  Optical Tracking Miniature Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAT9125EL Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAT9125EL Datasheet HTML 1Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 2Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 3Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 4Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 5Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 6Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 7Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 8Page - Pixart Imaging Inc. PAT9125EL Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.2 | 31 May 2017 | 21002AEN
PAT9125EL Product Datasheet
Optical Tracking Miniature Chip
Contents
Introduction................................................................................................................................................................. 3
1.1
Overview ................................................................................................................................................................. 3
1.2
Signal Description .................................................................................................................................................... 4
1.3
Potential Tracking Mechanisms............................................................................................................................... 5
1.4
Terminologies.......................................................................................................................................................... 6
Operating Specifications .............................................................................................................................................. 7
2.1
Absolute Maximum Ratings..................................................................................................................................... 7
2.2
Recommended Operating Conditions ..................................................................................................................... 7
2.3
DC Characteristics.................................................................................................................................................... 8
Mechanical Specifications ............................................................................................................................................ 9
3.1
Mechanical Dimension ............................................................................................................................................ 9
Reference Schematics................................................................................................................................................ 10
4.1
Schematics for I2C Interface (PAT9125EL-TKIT) ..................................................................................................... 10
4.1.1
High Voltage Segment (VDD : 2.1V ~ 3.6V) ...................................................................................................... 10
4.1.2
Low Voltage Segment (VDD : 1.7V ~ 1.9V)....................................................................................................... 10
4.2
Schematics for SPI Interface (PAT9125EL-TKMT) .................................................................................................. 11
4.2.1
High Voltage Segment (VDD : 2.1V ~ 3.6V) ...................................................................................................... 11
4.2.2
Low Voltage Segment (VDD : 1.7V ~ 1.9V)....................................................................................................... 11
Registers List .............................................................................................................................................................. 12
Document Revision History .................................................................................................................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com