Electronic Components Datasheet Search
  English  ▼

X  

LM19-LSI Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 10Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 11Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 | 6 April 2016
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Figure 12 Mean Resolution vs. Z at default resolution at 5000cpi
Figure 13 Path error vs. Z-height at default resolution at 5000cpi (mm)
3500
4000
4500
5000
5500
6000
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Resolution
(cpi)
Z-Height (mm)
Resolution vs Z (PIXART STANDARD GAMING SURFACES)
Straight Line at 45 degree, Path Length = 4", Speed = 6ips, Resolution = 5000cpi
QCK
VESPULA SPEED
VESPULA CTRL
4HD
G SERIES
ULTI-MAT
FUNC 1030
0
5
10
15
20
25
30
35
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Path error
Z-height (mm)
Typical Path Deviation on (PIXART STANDARD GAMING SURFACES)
Single Perpendicular Deviation From Straight Line at 45 degree,
Path Length = 4", Speed = 6ips, Resolution = 5000dpi
QCK
VESPULA SPEED
VESPULA CTRL
4HD
G SERIES
ULTI-MAT
FUNC 1030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com