Electronic Components Datasheet Search
  English  ▼

X  

LM19-LSI Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 10Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 11Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 | 6 April 2016
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
3.0
Registers Table
PMW3360DM-T2QU registers are accessible via the serial port. The registers are used to read motion data and status as well as to set
the device configuration. Note: (R = Read / W = Write or Read/Write= RW)
Address
Register
Access
Default Value
0x00
Product_ID
R
0x42
0x01
Revision_ID
R
0x01
0x02
Motion
RW
0x20
0x03
Delta_X_L
R
0x00
0x04
Delta_X_H
R
0x00
0x05
Delta_Y_L
R
0x00
0x06
Delta_Y_H
R
0x00
0x07
SQUAL
R
0x00
0x08
Pixel_Sum
R
0x00
0x09
Maximum_Pixel
R
0x00
0x0A
Minimum_Pixel
R
0x00
0x0B
Shutter_Lower
R
0x12
0x0C
Shutter_Upper
R
0x00
0x0D
Control
RW
0x02
0x0F
Config1
RW
0x31
0x10
Config2
RW
0x20
0x11
Angle_Tune
RW
0x00
0x12
Frame_Capture
RW
0x00
0x13
SROM_Enable
W
N/A
0x14
Run_Downshift
RW
0x32
0x15
Rest1_Rate_Lower
RW
0x00
0x16
Rest1_Rate_Upper
RW
0x00
0x17
Rest1_Downshift
RW
0x1F
0x18
Rest2_Rate_Lower
RW
0x63
0x19
Rest2_Rate_Upper
RW
0x00
0x1A
Rest2_Downshift
RW
0xBC
0x1B
Rest3_Rate_Lower
RW
0xF3
0x1C
Rest3_Rate_Upper
RW
0x01
0x24
Observation
RW
0x00
0x25
Data_Out_Lower
R
0x00
0x26
Data_Out_Upper
R
0x00
0x29
Pixel_Dump
RW
0x00
0x2A
SROM_ID
R
0x00
0x2B
Min_SQ_Run
RW
0x10
0x2C
Pixel_Threshold
RW
0x0A
0x2F
Config5
RW
0x31
0x3A
Power_Up_Reset
W
N/A
0x3B
Shutdown
W
N/A
0x3F
Inverse_Product_ID
R
0xBD
0x41
LiftCutoff_Tune3
RW
0x00
0x42
Angle_Snap
RW
0x00
0x4A
LiftCutoff_Tune1
RW
0x00
0x50
Motion_Burst
RW
0x00
0x58
LiftCutoff_Tune_Timeout
RW
0x27
0x5A
LiftCutoff_Tune_Min_Length
RW
0x09
0x62
SROM_Load_Burst
W
N/A
0x63
Lift_Config
RW
0x02
0x64
Pixel_Burst
R
0x00
0x65
LiftCutoff_Tune2
R
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com