Electronic Components Datasheet Search
  English  ▼

X  

AD537 Datasheet(PDF) 9 Page - Analog Devices

Part # AD537
Description  Integrated Circuit Voltage-to.Frequency Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD537 Datasheet(HTML) 9 Page - Analog Devices

  AD537 Datasheet HTML 1Page - Analog Devices AD537 Datasheet HTML 2Page - Analog Devices AD537 Datasheet HTML 3Page - Analog Devices AD537 Datasheet HTML 4Page - Analog Devices AD537 Datasheet HTML 5Page - Analog Devices AD537 Datasheet HTML 6Page - Analog Devices AD537 Datasheet HTML 7Page - Analog Devices AD537 Datasheet HTML 8Page - Analog Devices AD537 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AD537
REV. C
–8–
THERMOCOUPLE INPUT
The output of a Chromel-Constantan (Type E) thermocouple,
using a reference junction at 0
°C, varies from 0 mV to 53.14 mV
over the temperature range 0
°C to +700°C with a slope of
80.678
µV/degree over most of its range and some nonlinearity
over the range 0
°C to +200°C. For this example, we assume
that it is desired to indicate temperature in Degrees Celsius
using a counter/display with a 100 ms gate width. Thus, the V-F
converter must deliver an output of 7 kHz for an input of
53.14 mV. If very precise operation down to 0
°C is imperative,
some sort of linearizing is necessary (see, for example, Analog
Devices’ Nonlinear Circuits Handbook, pp. 92–97) but in many
cases operation is only needed over part of the range.
The circuit shown in Figure 14 provides good accuracy from
+300
°C to +700°C. The extrapolation of the temperature volt-
age curve back to 0
°C shows that an offset of –3.34 mV is
required to fit the curve most exactly. This small amount of
voltage can be introduced without an additional calibration step
using the +1.00 V output of the AD537. To adjust the scale, the
thermocouple should be raised to a known reference tempera-
ture near 500
°C and the frequency adjusted to value using R1.
The error should be within
±0.2% over the range 400°C to
700
°C.
1
2
14
13
5
6
7
10
9
8
3
4
12
11
AD537
+5V
VLOGIC
10Hz/
°C
0.005µF
47k
IOFFSET
≈ 21µA
120
R1 SCALE
50
TMEAS
TREF
(0
°C)
0 TO 53mV
BUF
DRIVER
CURR-
TO-FREQ
CONV
PRECISION
VOLTAGE
REFERENCE
VT
VR
360µA
FS
Figure 14. Thermocouple Interface with First-Order
Linearization
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead Side-Brazed Ceramic DIP (TO–116)
(D–14)
PIN 1
0.310 (7.87)
0.220 (5.59)
0.098 (2.49) MAX
0.005 (0.13) MIN
8
7
14
1
0.200
(5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.100
(2.54)
BSC
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
SEATING
PLANE
0.785 (19.94) MAX
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
10-Lead Metal Can (TO-100)
(H-10A)
36
°
BSC
0.034 (0.86)
0.028 (0.71)
0.045 (1.14)
0.029 (0.74)
0.115
(2.92)
BSC
0.230
(5.84)
BSC
6
8
57
1
4
2
39
10
REFERENCE PLANE
BASE & SEATING PLANE
0.355 (9.02)
0.305 (7.75)
0.370 (9.40)
0.335 (8.51)
0.562 (14.30)
0.500 (12.70)
0.040 (1.01)
0.010 (0.25)
0.050
(1.27)
MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
0.016 (0.41)
0.185 (4.70)
0.165 (4.19)
0.044 (1.12)
0.032 (0.81)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com