Electronic Components Datasheet Search
  English  ▼

X  

AD537 Datasheet(PDF) 3 Page - Analog Devices

Part # AD537
Description  Integrated Circuit Voltage-to.Frequency Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD537 Datasheet(HTML) 3 Page - Analog Devices

  AD537 Datasheet HTML 1Page - Analog Devices AD537 Datasheet HTML 2Page - Analog Devices AD537 Datasheet HTML 3Page - Analog Devices AD537 Datasheet HTML 4Page - Analog Devices AD537 Datasheet HTML 5Page - Analog Devices AD537 Datasheet HTML 6Page - Analog Devices AD537 Datasheet HTML 7Page - Analog Devices AD537 Datasheet HTML 8Page - Analog Devices AD537 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AD537–SPECIFICATIONS (typical @ +25 C with V
S (total) = 5 V to 36 V, unless otherwise noted)
AD537KD
AD537SD
1
Model
AD537JH
AD537JD
AD537KH
AD537SH
1
CURRENT-TO-FREQUENCY CONVERTER
Frequency Range
0 kHz to 150 kHz
*
*
*
Nonlinearity
1
fMAX = 10 kHz
0.15% max (0.1% typ)
*
0.07% max
**
fMAX = 100 kHz
0.25% max (0.15% typ)
*
0.1% max
**
Full-Scale Calibration Error
C = 0.01
µF, I
IN = 1.000 mA
±10% max
±7% max
±5% max
* *
vs. Supply (fMAX < 100 kHz)
±0.1%/V max (0.01% typ)
*
*
*
vs. Temp (TMIN to TMAX)
±150 ppm/°C max (50 ppm typ) *
50 ppm/
°C max (30 ppm typ)2
250 ppm/
°C max
ANALOG INPUT AMPLIFIER
(Voltage-to-Current Converter)
Voltage Input Range
Single Supply
0 to (+VS – 4) Volts (min)
*
*
*
Dual Supply
–VS to (+VS – 4) Volts (min)
*
*
*
Input Bias Current
(Either Input)
100 nA
*
*
*
Input Resistance (Noninverting)
250 M
Ω
**
*
Input Offset Voltage
(Trimmable in “D” Package Only)
5 mV max
*
2 mV max
**
vs. Supply
200
µV/V max
100
µV/V max 100 µV/V max
**
vs. Temp (TMIN to TMAX)5
µV/°C*
1
µV/°C10 µV/°C max
Safe Input Voltage
3
±V
S
**
*
REFERENCE OUTPUTS
Voltage Reference
Absolute Value
1.00 Volt
± 5% max
*
*
*
vs. Temp (TMIN to TMAX)
50 ppm/
°C
*
100 ppm/
°C max
**
vs. Supply
±0.03%/V max
*
*
*
Output Resistance
4
380
Ω
**
*
Absolute Temperature Reference
5
Nominal Output Level
1.00 mV/K
*
*
*
Initial Calibration @ +25
°C
298 mV (
±5 mV typ)
*
298 mV (
±5 mV max)
**
Slope Error from 1.00 mV/K
±0.02 mV/K
*
*
*
Slope Nonlinearity
±0.1 K
*
*
*
Output Resistance
5
900
Ω
**
*
OUTPUT INTERFACE (Open Collector Output)
(Symmetrical Square Wave)
Output Sink Current in Logic “0”
VOUT = 0.4 V max (TMIN to TMAX)
20 mA min
20 mA min
20 mA min
10 mA min
Output Leakage Current in Logic “1”
(TMIN to TMAX)
200 nA max
*
*
2
µA max
Logic Common Level Range
–VS to (+VS – 4) Volts
*
*
*
Rise/Fall Times (CT = 0.01
µF)
IIN = l mA
0.2
µs*
*
*
IIN = 1
µA1 µs*
*
*
POWER SUPPLY
Voltage, Rated Performance
Single Supply
4.5 V to 36 V
*
*
*
Dual Supply
±5 V to ±18 V
*
*
*
Quiescent Current
1.2 mA (2.5 mA max)
*
*
*
TEMPERATURE RANGE
Rated Performance
0
°C to +70°C*
*
–55
°C to +125°C
Storage
–65
°C to +150°C*
*
*
PACKAGE OPTIONS
6, 7
D-14 Ceramic DIP
AD537JD
AD537KD
AD537SD
H-10A Header
AD537JH
AD537KH
AD537SH
NOTES
*Specifications same as AD537JH.
**Specifications same as AD537K.
1 Nonlinearity is specified for a current input level (I
IN) to the converter from 0.1
µA to 1000 µA. Converter has 100% overrange capability up to I
IN = 2000
µA with slightly
reduced linearity. Nonlinearity is defined as deviation from a straight line from zero to full scale, expressed as a percentage of full scale.
2 Guaranteed not tested.
3 Maximum voltage input level is equal to the supply on either input terminal. However, large negative voltage levels can be applied to the negative terminal if the input is scaled to
a nominal 1 mA full scale through an appropriate value resistor (See Figure 2).
4 Loading the 1.0 volt or 1 mV/K outputs can cause a significant change in overall circuit performance, as indicated in the applications section. To maintain normal operation,
these outputs should be operated into the external buffer or an external amplifier.
5 Temperature reference output performance is specified from 0
°C to +70°C for “J” and “K” devices, –55°C to +125°C for “S” model.
6 D = Ceramic DIP; H = Hermetic Metal Can. For outline information see Package Information section.
7 For AD537/883B specifications, refer to Analog Devices Military Products Databook.
Specifications subject to change without notice.
REV. C
–2–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com