Electronic Components Datasheet Search
  English  ▼

X  

AD2S1210WDSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD2S1210WDSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210WDSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD2S1210WDSTZ Datasheet HTML 28Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 29Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 30Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 31Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 32Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 33Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 34Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 35Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
AD2S1210
Rev. A | Page 31 of 36
INCREMENTAL ENCODER OUTPUTS
The A, B, and NM incremental encoder emulation outputs are
free running and are valid if the resolver format input signals
applied to the converter are valid.
The AD2S1210 can be configured to emulate a 256-line, a
1024-line, a 4096-line, or a 16,384-line encoder. For example,
if the AD2S1210 is configured for 12-bit resolution, one revolu-
tion produces 1024 A and B pulses. Pulse A leads Pulse B for
increasing angular rotation (that is, clockwise direction).
The resolution of the encoder emulation outputs of the AD2S1210
is generally configured to match the resolution of the digital output.
However, the encoder emulation outputs of the AD2S1210 can also
be configured to have a lower resolution than the digital outputs.
For example, if the AD2S1210 is configured for 16-bit resolu-
tion, then the encoder emulation outputs can also be configured
for 14-bit, 12-bit, or 10-bit resolution. However, the resolution
of the encoder emulation outputs cannot be higher than the
resolution of the digital output. If the AD2S1210 is configured
such that the resolution of the encoder emulation outputs is
higher than the resolution of the digital outputs, the AD2S1210
internally overrides this configuration. In this event, the resolu-
tion of the encoder outputs is set to match the resolution of the
digital outputs. The resolution of the encoder emulation outputs
can be programmed by writing to Bit D3 and Bit D2 of the
control register.
The north marker pulse is generated as the absolute angular
position passes through zero. The north marker pulse width
is set internally for 90° and is defined relative to the A cycle.
Figure 36 details the relationship between A, B, and NM.
A
B
NM
Figure 36. A, B, and NM Timing for Clockwise Rotation
The inclusion of A and B outputs allows the AD2S1210 with
resolver solution to replace optical encoders directly without
the need to change or upgrade existing application software.
SUPPLY SEQUENCING AND RESET
The AD2S1210 requires an external reset signal to hold the
RESET input low until VDD is within the specified operating
range of 4.5 V to 5.5 V.
The RESET pin must be held low for a minimum of 10 μs after
VDD is within the specified range (shown as tRST in
).
Applying a
Figure 37
RESET signal to the AD2S1210 initializes the output
position to a value of 0x000 (degrees output through the parallel,
serial, and encoder interfaces) and causes LOS to be indicated
(LOT and DOS pins pulled low), as shown in
.
Figure 37
Failure to apply the correct power-up/reset sequence may result
in an incorrect position indication.
After a rising edge on the RESET input, the device must be allowed
at least tTRACK ms (see
) for the internal circuitry to stabil-
ize and the tracking loop to settle to the step change of the input
position. For the duration of tTRACK fault indications may occur
on the LOT and DOS pins due to the step response caused by
the
Figure 37
RESET. The duration of tTRACK is dependent on the converter
resolution as outlined in
. After tTRACK, the fault register
should be read and cleared as outlined in the
section. The time required to read and clear the fault
register is indicated as tFAULT, and is defined by the interface
speed of the DSP/microprocessor used in the application. (Note
that if position data is acquired via the encoder outputs, these
can be monitored during tTRACK.)
Table 27
Clearing the Fault
Register
Table 27. tTRACK vs. Resolution (fCLKIN = 8.192 MHz)
Resolution (Bits)
tTRACK (ms)
10
10
12
20
14
25
16
60
VDD
DOS
LOT
SAMPLE
RESET
VALID
OUTPUT
DATA
tRST
tTRACK
tFAULT
4.75V
Figure 37. Power Supply Sequencing and Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com