Electronic Components Datasheet Search
  English  ▼

X  

AD7609 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7609 Datasheet HTML 24Page - Analog Devices AD7609 Datasheet HTML 25Page - Analog Devices AD7609 Datasheet HTML 26Page - Analog Devices AD7609 Datasheet HTML 27Page - Analog Devices AD7609 Datasheet HTML 28Page - Analog Devices AD7609 Datasheet HTML 29Page - Analog Devices AD7609 Datasheet HTML 30Page - Analog Devices AD7609 Datasheet HTML 31Page - Analog Devices AD7609 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
AD7609
Figure 6 shows the timing diagram for reading one channel of
data, framed by the CS signal, from the AD7609 in serial mode.
The SCLK input signal provides the clock source for the serial
read operation. CS goes low to access the data from the AD7609.
The falling edge of CS takes the bus out of three-state and
clocks out the MSB of the 18-bit conversion result. This MSB
is valid on the first falling edge of the SCLK after the CS falling
edge. The subsequent 17 data bits are clocked out of the
AD7609 on the SCLK rising edge. Data is valid on the SCLK
falling edge. Eighteen clock cycles must be provided to the
AD7609 to access each conversion result.
The FRSTDATA output signal indicates when the first channel,
V1, is being read back. When the CS input is high, the FRSTDATA
output pin is in three-state. In serial mode, the falling edge of
CS takes FRSTDATA out of three-state and sets the FRSTDATA
pin high indicating that the result from V1 is available on the
DOUTA output data line. The FRSTDATA output returns to a
logic low following the 18th SCLK falling edge. If all channels
are read on DOUTB, the FRSTDATA output does not go high
when V1 is being output on this serial data output pin. It only
goes high when V1 is available on DOUTA (and this is when V5
is available on DOUTB).
READING DURING CONVERSION
Data can be read from the AD7609 while BUSY is high
and conversions are in progress. This has little effect on the
performance of the converter and allows a faster throughput
rate to be achieved. A parallel or serial read can be performed
during conversions and when oversampling may or may not
be in use. Figure 3 shows the timing diagram for reading while
BUSY is high in parallel or serial mode. Reading during conver-
sions allows the full throughput rate to be achieved when using
the serial interface with a VDRIVE of 3.3 V to 5.25 V.
Data can be read from the AD7609 at any time other than on
the falling edge of BUSY because this is when the output data
registers are updated with the new conversion data. t6, outlined
in Table 3, should be observed in this condition.
V1
V4
V2
V3
V5
V8
V6
V7
SCLK
DOUTA
DOUTB
CS
72
Figure 44. AD7609 Serial Interface with Two DOUT Lines
Rev. B | Page 27 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com