Electronic Components Datasheet Search
  English  ▼

X  

AD7609 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7609 Datasheet HTML 27Page - Analog Devices AD7609 Datasheet HTML 28Page - Analog Devices AD7609 Datasheet HTML 29Page - Analog Devices AD7609 Datasheet HTML 30Page - Analog Devices AD7609 Datasheet HTML 31Page - Analog Devices AD7609 Datasheet HTML 32Page - Analog Devices AD7609 Datasheet HTML 33Page - Analog Devices AD7609 Datasheet HTML 34Page - Analog Devices AD7609 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD7609
Data Sheet
OVERSAMPLING BY 16
0
500
1000
1500
2000
3000
4000
2500
3500
4500
–2
–3
–1
0
CODE
1
2
385
3
406
3279
3833
657
14
Figure 51. Histogram of Codes—OS × 16 (Six Codes)
45
5090
341
OVERSAMPLING BY 32
0
1000
2000
3000
4000
5000
6000
–2
–1
CODE
0
1
2716
Figure 52. Histogram of Codes—OS × 32 (Four Codes)
1
5871
75
OVERSAMPLING BY 64
0
1000
2000
3000
4000
6000
5000
7000
–2
–1
CODE
0
1
2245
Figure 53. Histogram of Codes – OS × 64 (Four Codes)
When the oversampling mode is selected, this has the effect
of adding a digital filter function after the ADC. The different
oversampling rates and the CONVST x sampling frequency
produces different digital filter frequency profiles.
Figure 54 to Figure 59 show the digital filter frequency profiles
for the different oversampling rates. The combination of the
analog antialiasing filter and the oversampling digital filter can
be used to eliminate or reduce the complexity of the design of
the filter before the AD7609. The digital filtering combines
steep roll-off and linear phase response.
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS BY 2
Figure 54. Digital Filter Response for OS × 2
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS BY 4
Figure 55. Digital Filter Response for OS × 4
Rev. B | Page 30 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com